Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54283 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54283
Description  4-Bit Binary Full Adder (with Fast Carry)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54283 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54283 Datasheet HTML 1Page - National Semiconductor (TI) 54283 Datasheet HTML 2Page - National Semiconductor (TI) 54283 Datasheet HTML 3Page - National Semiconductor (TI) 54283 Datasheet HTML 4Page - National Semiconductor (TI) 54283 Datasheet HTML 5Page - National Semiconductor (TI) 54283 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
Symbol
Parameter
CL e 15 pF RL e 400X
Units
Min
Max
tPLH
Propagation Delay
21
ns
tPHL
C0 or Sn
21
tPLH
Propagation Delay
24
ns
tPHL
An or Bn to Sn
24
tPLH
Propagation Delay
14
ns
tPHL
C0 to C4
16
tPLH
Propagation Delay
14
ns
tPHL
An or Bn to C4
16
Functional Description
The ’283 adds two 4-bit binary words (A plus B) plus the
incoming carry C0 The binary sum appears on the Sum
(S0 – S3) and outgoing carry (C4 outputs The binary weight
of the various inputs and outputs is indicated by the sub-
script numbers representing powers of two
20 (A0 a B0 a C0) a 21 (A1 a B1) a 22 (A2 a B2) a
23 (A3 a B3) e S0 a 2S1 a 4S2 a 8S3 a 16C4
Where (a) e plus
Interchanging inputs of equal weight does not affect the op-
eration Thus C0 A0 B0 can be arbitrarily assigned to pins
5 6 and 7 Due to the symmetry of the binary add function
the ’283 can be used either with all inputs and outputs ac-
tive HIGH (positive logic) or with all inputs and outputs ac-
tive LOW (negative logic) Note that if C0 is not used it must
be tied LOW for active HIGH logic or tied HIGH for active
LOW logic
Example
C0 A0 A1 A2 A3 B0 B1 B2 B3 S0 S1 S2 S3 C4
Logic Levels L
LHLH H L
L H H H LL H
Active HIGH 0
0101
1001 1100 1
Active LOW 1
1010
0110 0011 0
Active HIGH 0 a 10 a 9 e 3 a 16
Active LOW 1 a 5 a 6 e 12 a 0
Due to pin limitations the intermediate carries of the ’283
are not brought out for use as inputs or outputs However
other means can be used to effectively insert a carry into or
bring a carry out from an intermediate stage
Figure a
shows a way of making a 3-bit adder Tying the operand
inputs of the fourth adder (A3 B3) LOW makes S3 depen-
dent ony on and equal to the carry from the third adder
Using somewhat the same principle
Figure b shows a way
of dividing the ’283 into a 2-bit and a 1-bit adder The third
stage adder (A2 B2 S2) is used merely as a means of
getting a carry (C10) signal into the fourth stage (via A2 and
B2) and bringing out the carry from the second stage on S2
Note that as long as A2 and B2 are the same whether
HIGH or LOW they do not infuence S2 Similarly when A2
and B2 are the same the carry into the third stage does not
influence they carry out of the third stage
Figure c shows a
method of implementing a 5-input encoder where the inputs
are equally weighted The outputs S0 S1 and S2 present a
binary number equal to the number of inputs I1 – I5 that are
true
Figure d shows one method of implementing a 5-input
majority gate When three or more of the inputs I1 – I5 are
true the output M5 is true
TLF9786 – 3
FIGURE a 3-Bit Adder
TLF9786 – 4
FIGURE b 2-Bit and 1-Bit Adders
3


Similar Part No. - 54283

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5428 POMONA-5428 Datasheet
22Kb / 1P
   Minigrabber To Multimeter Plug & Kit
logo
Heyco.
5428 HEYCO-5428 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
Pomona Electronics
5428-48-0 POMONA-5428-48-0 Datasheet
22Kb / 1P
   Minigrabber To Multimeter Plug & Kit
5428-48-2 POMONA-5428-48-2 Datasheet
22Kb / 1P
   Minigrabber To Multimeter Plug & Kit
logo
Molex Electronics Ltd.
54280-0609 MOLEX11-54280-0609 Datasheet
201Kb / 2P
   2.0 mm PICH I/0 CONN. SOCKET SET -LEAD FREE-
More results

Similar Description - 54283

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com