Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB130A Datasheet(PDF) 5 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DB130A
Description  Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

DB130A Datasheet(HTML) 5 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB130A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB130A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. DB130A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. DB130A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. DB130A Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Electrical Specifications
FIG.12 Relaxation Oscillator Using a SIDAC
(a) Circuit
SIDAC
R
RL
VBO
(b) Waveforms
VC
IL
t
t
IL
VC
C
Rmax
Rmin
V-V
I
IN
BO
BO
V-V
I
IN
TM
H(MIN)
VV
DC(IN)
BO
INPUT
+
+
-
-
(See Note B)
R
=150
BB1
W
R =0.1
S
W
R
=100
BB2
W
V=0
BB2
V
=10V
BB1
V
=20V
CC
V
MONITOR
CE
I
MONITOR
C
TIP-47
100mH
0V
5V
0.63A
0
SIDAC VBO
COLLECTOR
VOLTAGE
VOLTAGE AND CURRENT WAVEFORMS
NOTE A
NOTE B
: Input pulse width is increased until I
=0.63A.
: Sidac (or Diac or series of diacs) chosen so that V
is just below V
rating of transistor to be protected. The Sidac (or Diac) eliminates a reverse breakdown
of the transistor in inductive switching circuits where otherwise the transistor could be destroyed.
CM
BO
CEO
TEST CIRCUIT
INPUT
VOLTAGE
T =3ms
(See Note A)
W
TW
100mS
COLLECTOR
CURRENT
VCE(sat)
10V
50
W
50
W
2N6127
(or equivalent)
FIG.13 SIDAC Added To Protect Transistor For Typical Transistor Inductive Load Switching Requirements
www.shunyegroup.com.cn


Similar Part No. - DB130A

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
DB130A JINANJINGHENG-DB130A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB130A

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
DB105A JINGHENG-DB105A Datasheet
171Kb / 7P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com