Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB140S Datasheet(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

Part # DB140S
Description  Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

DB140S Datasheet(HTML) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

  DB140S Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. DB140S Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. DB140S Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. DB140S Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd. DB140S Datasheet HTML 5Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JJC' s SIDAC (Silicon Diode for Alternating Current)
represents an unique set of thyristor qualities. The SIDAC
is a bidirectional voltage triggered switch. Upon application
of a voltage exceeding the sidac breakover voltage point,
the sidac switches on through a negative resistance region
to a low on-state voltage. conduction will continue until the
current is interrupted or drops below the minimum holding
current of the device.
At present, JINGHENG can offer three kinds of package in
DO-41,R 1
Mini MELF SMA SOD 123FL
JINGHENG's sidacs feature glass passivated junctions to ensure
a rugged and dependable device capable of withstanding
harsh environments.
- ,
-
,,-
Bilateral Voltage triggered
AC circuit oriented
Glass-passivated junctions
High surge current capabilities
High voltage lamp ignitors
Xenon ignitors
Natural gas ignitors
Over voltage protector
Gas oil ignitors
High voltage power supply
Pulse generators
Fluorescent lighting ignitors
HID (high intensity discharge) lighting ignitors
Features
Applications
General Description
SIDAC
Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
c
SMA(DO-214AC)
0.065(1.65)
0.090(2.29)
0.181(4.60)
0.208(5.28)
0.060(1.52)
0.012(0.305)
0.008(0.203)
MAX
0.110(2.79)
0.049(1.25)
0.078(1.98)
0.157(3.99)
0.189(4.80)
0.030(0.76)
0.006(0.152)
0.100(2.54)
Mini MELF(DO-213AA)
-
0.144(3.65)
0.136(3.45)
SOLDERABLE ENDS
1st BAND
0.067(1.7)
0.059(1.5)
0.018(0.45)
0.010(0.25)
SOD-123FL
0.039(1.00 )
0.020(0.50)
0.077(1.95 )
0.054(1.38)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.010(0.25)
MAX
5°
0.052(1.33)
0.031(0.8)
0.010(0.25)
MIN
R-1
0.140(3.5)
0.102(2.6)
0.025(0.65)
1.0(25.4)
MIN.
0.116(2.9)
0.091(2.3)
DIA.
0.0 (0.5 )
DIA.
21
5
1.0(25.4)
MIN.
DO-41
Inches (millimeters)
0.205(5.20)
0.107(2.7)
0.034(0.85)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.161(4.10)
0.080(2.0)
DIA.
0.026(0.65)
DIA.
www.shunyegroup.com.cn


Similar Part No. - DB140S

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
DB140S JINANJINGHENG-DB140S Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB140S

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
DB105A JINGHENG-DB105A Datasheet
171Kb / 7P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Changzhou Shunye Electr...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com