Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC16244AEV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC16244AEV
Description  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244AEV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC16244AEV Datasheet HTML 4Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 5Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 6Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 7Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 8Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 9Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 10Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 11Page - NXP Semiconductors 74LVC16244AEV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2003 Dec 08
8
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C; note 1
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
0V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
V
IO = −12 mA
2.7
VCC − 0.5
−−
V
IO = −18 mA
3.0
VCC − 0.6
−−
V
IO = −24 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
0
0.20
V
IO =12mA
2.7
−−
0.40
V
IO =24mA
3.0
−−
0.55
V
ILI
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
note 2
3.6
0.1
±5
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
0.1
20
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
5
500
µA
IBH
bushold LOW sustaining
current
VI = 0.8 V;
notes 3 and 4
3.0
75
−−µA
IBHH
bushold HIGH sustaining
current
VI = 2.0 V;
notes 3 and 4
3.0
−75
−−µA
IBHLO
bushold LOW overdrive
current
notes 3 and 5
3.6
500
−−µA
IBHHO
bushold HIGH overdrive
current
notes 3 and 5
3.6
−500
−−µA


Similar Part No. - 74LVC16244AEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244AEV NXP-74LVC16244AEV Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Similar Description - 74LVC16244AEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com