Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBOX201-6COM Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # RBOX201-6COM
Description  Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX201-6COM Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  RBOX201-6COM_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX201-6COM_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
351
* All specifications and photos are subject to change without notice.
DIN-rail kit
Introduction
Specifications
The rBOX201-6COM cost-effective DIN-rail fanless embedded system utilizes the low
power AMD LX800 processor and is designed to withstand temperatures ranging from
-40°C to +70°C for use in extreme operating environments.
To prevent ESD and over-voltage, this super compact-size rBOX201-6COM is equipped
with six isolated RS-232/422/485, two isolated 10/100Mbps Ethernet and one isolated
DIO port for offering magnetic isolation protection. Two power paths input minimizes
the risk of data loss in the event of a single power failure. IP30 housing, wide operating
temperature range and Safety/EMI/EMS compliance, the rBOX201-6COM is ideal for
intelligent computing and communication solutions in critical environments such as
power utility, transportation and more. Besides, the rBOX201-6COM is also specially
designed for remote control/ monitoring management applications like unmanned control
room, industrial machine, automatic parking lot, traffic cabinet and more.
The ready-to-run rBOX201-6COM equipped with AXView remote monitoring software
is a total solution for power plant automation, facility monitoring systems, intelligent
transportation systems, and more.
Standard Color
Sliver-Black
Construction
Extruded aluminum and heary-duty steel, IP30
CPU
AMD LX800 processor
System Memory
1 x DDR-400 SO-DIMM, up to 1GB
System I/O Outlet
Serial Port
6 x Isolated RS-232/422/485 (COM 1~6)
Interface select by software or BIOS
Supports Auto Flow Control in RS-485
mode
ESD protection 15 KV
Magnetic isolation protection 2KV
COM 1 & 2 speed up to 115.2kbps
COM 3-6 serial port speed up to
921.6kbps
LAN
2 x 10/100 Mbps
(Davicom DM9102HI)
Magnetic isolation protection 1.5 KV
USB
2 x USB 2.0
USB power distribution control by
software
System I/O Outlet
DIO
1 x DIO (4-IN/4-OUT)
DI :
Input channels : 4, source type
Input voltage : 0 to 30 VDC
Digital input levels for dry contacts :
-Logic level 0: close to GND
-Logic level 1: open
Digital input levels for wet contacts :
-Logic level 0: +10V to +24V (DI to COM-)
-Logic level 1: +3V max.
DO :
Output channels : 4, sink type
Output current: Max. 200 mA per
channel
On-state voltage : 24 VDC nominal, open
collector to 30 V
Optical isolation protection 2 KV
VGA
1 x DB15 connector
Power Input
2 x DC power input with terminal block
Alarm Contact
One relay output with current 0.5A
@30VDC
Wireless
1 x Mini Card
(Full size, supports USB only)
1 x SIM card socket onboard
Supports 3G/GPRS
Watchdog Timer
2 WDT
WDT 1: one step is 1 sec, 255 levels
WDT 2: one step is 250ms, 255 levels
LEDs
System
Power, Alarm, Ready/Active, COM
(TXD, RXD)
Alarm
DC PWR1 or PWR2 is lost (default)
User define event
Storage
1 x CompactFlash™
Installation
DIN-rail, wall mount
Power Supply
2 power paths
Power Input Range 12 - 48 VDC
Power Input Rating 12-48 VDC, 1.5-0.4A
Power Protection
DC Version:
OVP (over voltage protection)
UVP (under voltage protection) Reverse
protection
Rear view
LED indicators (power,
alarm, ready/active, COM)
1 isolation DIO
(4-IN/4-OUT)
6 isolated COM
Front view
Wireless
(3G/GPRS)
AMD LX800
Processor
rBOX201-6COM
Fanless and cableless design
Supports AMD LX800 processor
Wide operating temperature range from -40°C to +70°C
1 isolated DIO (4-IN/4-OUT)
6 isolated COM ports
2 isolated 10/100 Mbps Ethernet ports
2 watchdog timer
LED indicators
SNMP V1/V2c
1 CompactFlash™
2 power paths with terminal block and 12-48 VDC
Supports AXView monitoring software package
Features
Robust DIN-rail Fanless Embedded System with AMD LX800 + CS5536AF,
6 Isolated COM and 1 Isolated DIO (4-IN/4-OUT)
UL508
IP30
Ext. Temp
Fanless
Low Power
Isolation
AXView


Similar Part No. - RBOX201-6COM_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX201-6COM AXIOMTEK-RBOX201-6COM_16 Datasheet
341Kb / 2P
   Fanless and cableless design
More results

Similar Description - RBOX201-6COM_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX200 AXIOMTEK-RBOX200_17 Datasheet
406Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
RBOX201-4COM AXIOMTEK-RBOX201-4COM_17 Datasheet
335Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
RBOX204 AXIOMTEK-RBOX204_17 Datasheet
387Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF and 4-port PoE
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
   Robust Din-rail Fanless Embedded System
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
logo
AAEON Technology
AEC-6811 AAEON-AEC-6811 Datasheet
536Kb / 2P
   Fanless Embedded Controller With AMD Geode LX800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com