Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIC008GSC1T Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FIC008GSC1T
Description  CompactFlash specification standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FIC008GSC1T Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FIC008GSC1T Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
Introduction
Axiomtek’s FIC (Flash in Card) series complies with CompactFlash™
specification and provides complete PCMCIA-ATA functionality and
compatibility. The CF card is available in memory capacities ranging
from 128MB up to 32GB in standard & industrial temperature to meet
the demand of critical application. The operating temperature
supports standard temperature grade (0ºC ~+70ºC) and industrial
temperature grade (-40ºC ~+85ºC). The FIC series is an ideal solution
for industrial storage application requiring reliability, high
performance, and low power consumption.
Specifications
General Specification
Capacity
128MB~32GB
Interface
50pin CompactFlash™ Type I
IDE Transfer Mode
PIO Mode 0-6/MwDMA Mode 0-4/UDMA 0-4
Drive Config. Switch Yes (Master/Slave)
Sustained Speed Rate
(max)
128MB~512MB Read:20MB/sec.;
Write:10MB/sec.
1GB~8GB Read:40MB/sec. ; Write:20MB/sec
16GB Read:110MB/sec. ; Write:70MB/sec
32GB Read:110MB/sec. ; Write:100MB/sec
Environmental Specification
Operating
Temperature
0˚C~70˚C (0°F ~158°F) (standard temp.)
-40˚C~85˚C (-40 °F ~185°F) (industrial
temp.)
Storage Temperature -55˚C~95˚C (-67°F ~ 203°F)
Humidity
10%~95% non-condensing
Vibration
20G(7~2000Hz)
Shock
1500G/0.5ms
System Reliability
ECC technology
High reliability based on the internal ECC
function
MTBF
>3,000,000 hours
R/W Endurance
2,000,000 times
Wear-leveling
Support
Features
 CompactFlash™ specification standard
 Capacity: 128MB up to 32GB
 Highly heat resistance design: Industrial plastic material housing
 Suitable for high demanding applications
 Well performed under harsh operating environment and
industrial temperatures
 Anti-vibration & shock resistance
 Data integrity with Error Detection Code/Error Correction Code
(EDC/ECC)
 True IDE Mode (fixed Mode)
 High operating reliability & durability
 Low power consumption
Power Requirment
DC Input Voltage
+3.3V/+5V single power supply operation
Power Mode
Auto stand-by and sleep mode
Power Consumption 128MB~512MB: 69mA(max.)
1GB~8GB: 125mA(max.)
16GB,32GB:210mA(max.)
Physical Specification
Enclosure Material
PC card plastic frame with metal cover
Dimensions
42.8 x 36.4 x 3.3 mm (W x H x L)
Ordering Information
Models
(standard temp.)
Models
(industrial temp.)
Capacity
FIC128MSC1T
FIC128MSW1T
128MB
FIC256MSC1T
FIC256MSW1T
256MB
FIC512MSC1T
FIC512MSW1T
512MB
FIC001GSC1T
FIC001GSW1T
1GB
FIC002GSC1T
FIC002GSW1T
2GB
FIC004GSC1T
FIC004GSW1T
4GB
FIC008GSC1T
FIC008GSW1T
8GB
FIC016GSC1T
FIC016GSW1T
16GB
FIC032GSC1T
FIC032GSW1T
32GB
FIC Series
Flash in Card
CF Card


Similar Part No. - FIC008GSC1T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIC01G-60 AXIOMTEK-FIC01G-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
FIC02G-60 AXIOMTEK-FIC02G-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
logo
List of Unclassifed Man...
FIC03272 ETC1-FIC03272 Datasheet
366Kb / 14P
   Microprocessor for handling signals from the TGS4161 carbon dioxide sensor
logo
Axiomtek Co., Ltd.
FIC04G-60 AXIOMTEK-FIC04G-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
FIC08G-60 AXIOMTEK-FIC08G-60 Datasheet
208Kb / 1P
   Anti-vibration & shock resistance
More results

Similar Description - FIC008GSC1T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
   CompactFlash??Specification Standard
logo
Hitachi Semiconductor
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
   CompactFlash?
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
   CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
   CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
   CompactFlash?
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
   CompactFlash Header
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com