Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1ZC12 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. 1ZC12
Description  TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1ZC12 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1ZC12 Datasheet HTML 1Page - Toshiba Semiconductor 1ZC12 Datasheet HTML 2Page - Toshiba Semiconductor 1ZC12 Datasheet HTML 3Page - Toshiba Semiconductor 1ZC12 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1ZC12~1ZC120
2001-06-13
2
ELECTRICAL CHARACTERISTICS (Ta=25°C)
ZENER CHARACTERISTICS
FORWARD
VOLTAGE
REVERSE
CURRENT
ZENER VOLTAGE
VZ (V)
ZENER
IMPEDANCE
rd (Ω)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αT (mV / °C)
VF (V)
IR (µA)
TYPE
MIN.
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IZ (mA)
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IF (A)
MAX
MEASURE-
MENT
VOLTAGE
VR (V)
1ZC12
10.8
12
13.2
30
10
8
13
1.2
0.2
10
8.0
1ZC13
11.7
13
14.3
30
10
9
14
1.2
0.2
10
9.0
1ZC15
13.5
15
16.5
30
10
11
17
1.2
0.2
10
10.0
1ZC16
14.4
16
17.6
30
10
12
19
1.2
0.2
10
11.0
1ZC18
16.2
18
19.8
30
10
14
23
1.2
0.2
10
13.0
1ZC20
18.0
20
22.0
30
10
16
26
1.2
0.2
10
14.0
1ZC22
19.8
22
24.2
30
10
18
28
1.2
0.2
10
16.0
1ZC24
21.6
24
26.4
30
10
20
32
1.2
0.2
10
17.0
1ZC27
24.3
27
29.7
30
10
23
36
1.2
0.2
10
19.0
1ZC30
27.0
30
33.0
30
10
25
40
1.2
0.2
10
21.0
1ZC33
29.7
33
36.3
30
10
26
41
1.2
0.2
10
26.4
1ZC36
32.4
36
39.6
30
9
28
45
1.2
0.2
10
28.8
1ZC39
35.1
39
42.9
35
8
30
48
1.2
0.2
10
31.2
1ZC43
38.7
43
47.3
40
7
33
53
1.2
0.2
10
34.4
1ZC47
42.3
47
51.7
65
6
38
60
1.2
0.2
10
37.6
1ZC51
45.9
51
56.1
65
6
43
68
1.2
0.2
10
40.8
1ZC56
50.4
56
61.6
85
5
48
77
1.2
0.2
10
44.8
1ZC62
55.8
62
68.2
105
5
53
85
1.2
0.2
10
49.6
1ZC68
61.2
68
74.8
120
4
57
90
1.2
0.2
10
54.4
1ZC75
67.5
75
82.5
150
4
66
104
1.2
0.2
10
60.0
1ZC82
73.8
82
90.2
170
3
71
113
1.2
0.2
10
65.4
1ZC91
81.9
91
100.1
240
3
79
127
1.2
0.2
10
72.8
1ZC100
90.0
100
110.0
300
3
87
138
1.2
0.2
10
80.0
1ZC110
99.0
110
121.0
300
3
96
152
1.2
0.2
10
88.0
1ZC120
108.0
120
132.0
350
2.5
106
171
1.2
0.2
10
96.0


Similar Part No. - 1ZC12

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC120A TOSHIBA-1ZC120A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results

Similar Description - 1ZC12

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
   TOSHIBA Zener Diode Silicon Diffused Type
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA40C TOSHIBA-U5ZA40C Datasheet
100Kb / 4P
   TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
   TOSHIBA Zener Diode Silicon Epitaxial Type
TVR5B TOSHIBA-TVR5B Datasheet
94Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type
KEC(Korea Electronics)
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Toshiba Semiconductor
Toshiba Semiconductor
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
   Silicon Diffused-Junction Type Zener Diode
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz