Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBOX640-860-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. EBOX640-860-FL
Description  Fanless Embedded System Featuring Socket G2 Intel Core i7/i5/i3 & Celeron
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

EBOX640-860-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
307
* All specifications and photos are subject to change without notice.
eBOX640-860-FL
Fanless Embedded System Featuring Socket G2 Intel® Core™ i7/i5/i3 & Celeron®
Processor TDP under 35 W, Dual HDD and Multi-display
Socket G2 (rPGA 988B) for 2nd gen Intel® Core™ i7/i5/i3
Intel® Core™ i7/i5/i3 & Celeron® processor TDP under 35W
Intel® QM67 chipset
DDR3-1066/1333 SO-DIMM, up to 16GB
Two 2.5" SATA drive bays and 1 CFast™ slot
1 internal PCI Express Mini Card slot
Supports Jumbo Frame (9k), WoL, PXE Remote Boot
Features
Packing List
Ordering Information
Power Protection
1 x Quick manual
1 x Driver CD
1 x Screws pack
4 x Foot pad
8 x HDD anti-vibration damper
1 x Power kit or 1 x DC-in connector
Standard
eBOX640-860-FL-DC
Fanless embedded system with socket G2 Intel® Core™
i7/i5/i3 & Celeron® processor, VGA, HDMI, DisplayPort,
2 GbE LANs, 4 RS-232, 6 USB, dual HDD and DC-in
eBOX640-860-FL-US
Fanless embedded system with socket G2 Intel® Core™
i7/i5/i3 & Celeron® processor, VGA, HDMI, DisplayPort,
2 GbE LANs, 4 RS-232, 6 USB, dual HDD, AC adapter
and US power cord
eBOX640-860-FL-EU
Fanless embedded system with socket G2 Intel® Core™
i7/i5/i3 & Celeron® processor, VGA, HDMI, DisplayPort,
2 GbE LAN, 4 RS-232, 6 USB, dual HDD, AC adapter
and EU power cord
Optional
2.5" SATA HDD
2.5" SATA SSD
DDR3 SO-DIMM
CFast™
Wi-Fi module
GPS module
Graphic codec module
Wall mount kit
Power cord
40GB or above
4GB or above
1GB ~ 8GB
512MB or above
*Specifications and certifications are based on options and may vary.
DC Version
OCP (over current protection)
SCP (short circuit protection)
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel
CPU
Socket G2 (rPGA 988B) for 2nd gen Intel® Core™ i7/i5/i3
(Sandy Bridge) & Celeron® processor, TDP under 35W
System Memory
2 x 204-pin DDR3-1066/1333 SO-DIMM, up to 16GB
Chipset
Intel® QM67
BIOS
AMI UEFI BIOS
System I/O Outlet
4 x RS-232
1 x VGA
1 x HDMI
1 x DisplayPort
1 x Audio (Mic-in/Line-out)
1 x PS/2 keyboard
1 x PS/2 mouse
2 x 10/100/1000 Mbps Ethernet (Intel® 82579LM & 82583V)
6 x USB 2.0
1 x SMA type connector opening for antenna
1 x VDC power input connector
1 x ATX power switch
Watchdog Timer
255 levels, 1 ~ 255 sec.
Storage
2 x 2.5" SATA HDD drive bay (RAID 0 & 1)
1 x CFast™ slot
Expansion Interface
1 x PCI Express Mini Card slot (USB+PCI Express signal)
System Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Power Supply
DC ATX 150W
Input: Input 10~30VDC
Operating Temperature
-5°C ~ +50°C (23°F ~ 122°F) (with W.T. HDD)
Humidity
10% ~ 90% , non-condensing
Vibration Endurance
3 Grms with CFast™ (5-500Hz, X, Y, Z directions)
Dimensions
193 mm (7.6") (W) x 231 mm (9.09") (D) x 111 mm (4.37") (H)
Weight (net/gross)
3.8 kg (8.37 lb)/ 4.6 kg (10.14 lb)
Certificate
CE
EOS Support
WES7
Dimensions
Rear view
Front view
Intel® Core™ i7/i5/i3 &
Celeron® processor
VGA+HDMI+DisplayPort for
dual display
4 RS-232
1 CFast
TM slot
1 Express Mini Card slot
2 HDD drive bays
CFastTM
Fanless
Low Power
DDR3
DDR3
DDR3
EN60950


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn