Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AX93291 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. AX93291
Description  ZIO module with two Gigabit Ethernet and two COM ports
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

AX93291 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
244
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
ZIO Modules
AX93262
AX93285
AX93291
AX93295
ZIO module with four COM ports and one PCI Express Mini Card
Specification: 2 x RS-232/422/485, 2 x RS-232, 1 x PCI Express Mini Card
Dimension: 80 x 55 mm
Accessory: 2 x COM with bracket cable
Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two COM ports and 32 bit programbale DIO
Specification: 2 x RS-232, 32-bit programmable DIO
Dimension: 80 x 55 mm
Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two Gigabit Ethernet and two COM ports
Specification: 2 x Gigabit Ethernet, 2 x RS-232
Dimension: 80 x 55 mm
Controller: Intel® i211AT
Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two isolated COM ports and two USB 3.0 ports
Specification: 2 x isolated RS-232, 2 x USB 3.0
Dimension: 80 x 55 mm
Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
Ordering Information
Ordering Information
Ordering Information
Ordering Information
AX93262
(P/N: E393262100)
ZIO module with 4 COM ports and 1 PCI Express Mini Card
AX93285
(P/N: E393285100)
ZIO module with 2 COM ports and 32 bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module with two Gigabit Ethernet and two COM ports
AX93295
(P/N: E393295100)
ZIO module with two isolated COM ports and two USB 3.0
ports
ZIO connector
ZIO connector
32 bit programmable DIO
COM 1/2
SIM slot
COM 4
COM 1
COM 2
COM 3
Full-size PCI
Express Mini Card
COM 1
Ethernet 2
ZIO connector
Ethernet 1
COM 2
USB 3.0
(Optional)
ZIO
Connector
USB 3.0
USB 3.0
COM 1
COM 2
NEW
NEW
Note: the 3rd USB 3.0 working is subject to which 3.5” is installed.
Updated May 04, 2017.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn