Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC49509 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49509
Description  300mA Low Power Low Noise LDO CMOS Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49509 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49509 Datasheet HTML 1Page - E-CMOS Corporation EC49509 Datasheet HTML 2Page - E-CMOS Corporation EC49509 Datasheet HTML 3Page - E-CMOS Corporation EC49509 Datasheet HTML 4Page - E-CMOS Corporation EC49509 Datasheet HTML 5Page - E-CMOS Corporation EC49509 Datasheet HTML 6Page - E-CMOS Corporation EC49509 Datasheet HTML 7Page - E-CMOS Corporation EC49509 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EC49509
300mA Low Power Low Noise
LDO CMOS Voltage Regulator
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
2007/11/05
Absolute Maximum Rating
(Note1)
Parameter
Symbol
Value
Units
Input Voltage
VIN
6
V
Enable Voltage
VEN
-0.3 to VIN
V
Output Voltage
VOUT
-0.3 to 4.6
V
Power Dissipation
PD
Internally Limited
(
Note3)
W
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
ΘJA
230
°C/W
Lead Temperature (Soldering, 5 sec.)
260
°C
Junction Temperature
TJ
0 to +150
°C
Storage Temperature
TS
-40 to +150
°C
Recommended Operating Conditions
(Note 2)
Parameter
Symbol
Value
Units
Supply Input Voltage Range
VIN
5.5
V
Junction Temperature Range
TJ
0 to +125
°C


Similar Part No. - EC49509

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXB2G E-CMOS-EC49513A-XXXB2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXFG E-CMOS-EC49513A-XXXFG Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A-XXXT2G E-CMOS-EC49513A-XXXT2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49513A/L-12B2G E-CMOS-EC49513A/L-12B2G Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
More results

Similar Description - EC49509

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509 Datasheet
220Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
SE5509B SEAWARD-SE5509B Datasheet
215Kb / 7P
   300mA Low Power Low Noise LDO CMOS Voltage Regulator
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com