Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9484 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 5 Page - Analog Devices

  AD9484 Datasheet HTML 1Page - Analog Devices AD9484 Datasheet HTML 2Page - Analog Devices AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9484
Rev. A | Page 4 of 24
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 2.
Parameter1, 2
Temp
Min
Typ
Max
Unit
SNR
fIN = 30.3 MHz
25°C
47.0
dBFS
fIN = 70.3 MHz
25°C
47.0
dBFS
fIN = 100.3 MHz
25°C
47.0
dBFS
Full
46.5
dBFS
fIN = 250.3 MHz
25°C
47.0
dBFS
fIN = 450.3 MHz
25°C
46.9
dBFS
SINAD
fIN = 30.3 MHz
25°C
47.0
dBFS
fIN = 70.3 MHz
25°C
47.0
dBFS
fIN = 100.3 MHz
25°C
47.0
dBFS
Full
46.4
dBFS
fIN = 250.3 MHz
25°C
47.0
dBFS
fIN = 450.3 MHz
25°C
46.9
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30.3 MHz
25°C
7.5
Bits
fIN = 70.3 MHz
25°C
7.5
Bits
fIN = 100.3 MHz
25°C
7.5
Bits
fIN = 250.3 MHz
25°C
7.5
Bits
fIN = 450.3 MHz
25°C
7.5
Bits
WORST HARMONIC (SECOND or THIRD)
fIN = 30.3 MHz
25°C
−87
dBc
fIN = 70.3 MHz
25°C
−86
dBc
fIN = 100.3 MHz
25°C
−87
dBc
Full
−75
dBc
fIN = 250.3 MHz
25°C
83
dBc
fIN = 450.3 MHz
25°C
70
dBc
SFDR
fIN = 30.3 MHz
25°C
82
dBc
fIN = 70.3 MHz
25°C
81
dBc
fIN = 100.3 MHz
25°C
82
dBc
Full
75
dBc
fIN = 250.3 MHz
25°C
79
dBc
fIN = 450.3 MHz
25°C
70
dBc
WORST OTHER HARMONIC (SFDR EXCLUDING SECOND and THIRD)
fIN = 30.3 MHz
25°C
−82
dBc
fIN = 70.3 MHz
25°C
−81
dBc
fIN = 100.3 MHz
25°C
−82
dBc
Full
−75
dBc
fIN = 250.3 MHz
25°C
79
dBc
fIN = 450.3 MHz
25°C
77
dBc
TWO-TONE IMD
fIN1 = 119.5 MHz, fIN2 = 122.5 MHz
25°C
−77
dBc
ANALOG INPUT BANDWIDTH
Full Power
25°C
1
GHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Similar Part No. - AD9484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9484 AD-AD9484 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9484-500EBZ AD-AD9484-500EBZ Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9484BCPZ-500 AD-AD9484BCPZ-500 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9484BCPZRL7-500 AD-AD9484BCPZRL7-500 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
More results

Similar Description - AD9484

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9484 AD-AD9484 Datasheet
609Kb / 24P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com