Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9250BCPZ-170 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9250BCPZ-170
Description  Dual Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250BCPZ-170 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9250BCPZ-170 Datasheet HTML 6Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 7Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 8Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 9Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 10Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 11Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 12Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 13Page - Analog Devices AD9250BCPZ-170 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 10 of 45
TIMING SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS (See Figure 62)
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CS and SCLK
2
ns
tH
Hold time between CS and SCLK
2
ns
tHIGH
Minimum period that SCLK should be in a logic high state
10
ns
tLOW
Minimum period that SCLK should be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge (not shown in figures)
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge (not shown in figures)
10
ns
tSPI_RST
Time required after hard or soft reset until SPI access is available
(not shown in figures)
500
µs
Timing Diagrams
N – 36
N – 35
N – 34
N – 33
N – 1
N + 1
SAMPLE N
ANALOG
INPUT
SIGNAL
CLK–
CLK+
CLK–
CLK+
SERDOUT1±
SERDOUT0±
SAMPLE N – 36
ENCODED INTO 2
8b/10b SYMBOLS
SAMPLE N – 35
ENCODED INTO 2
8b/10b SYMBOLS
SAMPLE N – 34
ENCODED INTO 2
8b/10b SYMBOLS
Figure 2. Data Output Timing
tREFS
tREFH
tREFHRF
NOTES
1. CLOCK INPUT IS EITHER RFCLK OR CLK±, NOT BOTH.
CLK+
CLK–
SYSREF+
SYSREF–
RFCLK
SYSREF+
SYSREF–
tREFSRF
Figure 3. SYSREF± Setup and Hold Timing


Similar Part No. - AD9250BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9250BCPZ-170 AD-AD9250BCPZ-170 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9250BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com