Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W583S80 Datasheet(PDF) 3 Page - Winbond

Part # W583S80
Description  HIGH FIDELITY Power Speech
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W583S80 Datasheet(HTML) 3 Page - Winbond

  W583S80 Datasheet HTML 1Page - Winbond W583S80 Datasheet HTML 2Page - Winbond W583S80 Datasheet HTML 3Page - Winbond W583S80 Datasheet HTML 4Page - Winbond W583S80 Datasheet HTML 5Page - Winbond W583S80 Datasheet HTML 6Page - Winbond W583S80 Datasheet HTML 7Page - Winbond W583S80 Datasheet HTML 8Page - Winbond W583S80 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary W583XXX
Publication Release Date: March 1999
- 3 -
Revision A1
PIN DESCRIPTION
NAME
I/O
DESCRIPTION
VDD
-
Positive power supply
TEST
I
Test pin, internally pulled low
RESET
I
Reset all, functions as POR, internally pulled high
TG1
I
Direct trigger input 1, internally pulled high
TG2
I
Direct trigger input 2, internally pulled high
TG3/IRIN
I
Direct trigger input 3 or IR input, internally pulled high. Once this pin is
pulled low, the oscillation circuit is active even the chip enters standby
mode.
TG4
I
Direct trigger input 4, internally pulled high
VSS
-
Negative power supply
LED1
O
LED1 output
IROUT
O
IR signal output pin, active low
STPA/BUSY
O
Stop signal A or Busy signal
STPB
O
Stop signal B
LED2/STPC
O
LED2 output or Stop signal C
STPD
O
Stop signal D
STPE
O
Stop signal E
AUD/SPK+
O
Current type output or PWM output for speaker
SPK-
O
PWM output
VSS1
-
Negative power supply
VDD1
-
Positive power supply
Pin Description only for W583S15 to W583M02
NAME
I/O
DESCRIPTION
OSC/XIN
I
Ring oscillator input or crystal input
XOUT
I/O
Crystal input or oscillator clock output
SEL
I
Ring/Crystal oscillator select, internally pulled high. Floating for Ring and
grounded for crystal.
TG5
I
Direct trigger input 5, internally pulled high
TG6
I
Direct trigger input 6, internally pulled high
TG7
I
Direct trigger input 7, internally pulled high


Similar Part No. - W583S80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
logo
ITT Industries
W58-124-9019-91S ITT-W58-124-9019-91S Datasheet
35Kb / 1P
   QT BNC, 75 OHM R/A PLUG
W58-124-9019910 ITT-W58-124-9019910 Datasheet
121Kb / 2P
   QT-BNC 75ohm PLUG OUTLINE DRAWING RBOCs (TELCOs)
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
   QT-BNC Connector To Tooling Cross Reference
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
More results

Similar Description - W583S80

ManufacturerPart #DatasheetDescription
logo
Winbond
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com