Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD431000AGZ-B15-KKH Datasheet(PDF) 2 Page - NEC

Part # UPD431000AGZ-B15-KKH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000AGZ-B15-KKH Datasheet(HTML) 2 Page - NEC

  UPD431000AGZ-B15-KKH Datasheet HTML 1Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 2Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 3Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 4Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 5Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 6Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 7Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 8Page - NEC UPD431000AGZ-B15-KKH Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet M11657EJBV0DS
2
µPD431000A
Ordering Information
Part number
Package
Access time
Operating supply Operating ambient
Remark
ns (MAX.)
voltage
temperature
V°C
µPD431000ACZ-70L
32-pin PLASTIC DIP
70
4.5 to 5.5
0 to 70
L version
µPD431000ACZ-85L
(15.24mm (600))
85
µPD431000ACZ-70LL
70
LL version
µPD431000ACZ-85LL
85
µPD431000AGW-70L
32-pin PLASTIC SOP
70
4.5 to 5.5
L version
µPD431000AGW-85L
(13.34 mm (525))
85
µPD431000AGW-70LL
70
LL version
µPD431000AGW-85LL
85
µPD431000AGW-A10
100
3.0 to 5.5
A version
µPD431000AGW-B12
120
2.7 to 5.5
B version
µPD431000AGW-B15
150
µPD431000AGZ-85L-KJH
32-pin PLASTIC TSOP(I)
85
4.5 to 5.5
L version
µPD431000AGZ-70LL-KJH
(8x20) (Normal bent)
70
LL version
µPD431000AGZ-85LL-KJH
85
µPD431000AGZ-B10-KJH
100
2.7 to 5.5
B version
µPD431000AGZ-B15-KJH
150
µPD431000AGZ-70LL-KKH
32-pin PLASTIC TSOP(I)
70
4.5 to 5.5
LL version
µPD431000AGZ-B15-KKH
(8x20) (Reverse bent)
150
2.7 to 5.5
B version
µPD431000AGU-B10-9JH
32-pin PLASTIC TSOP(I)
100
2.7 to 5.5
B version
µPD431000AGU-B12-9JH
(8x13.4) (Normal bent)
120
µPD431000AGU-B15-9JH
150
µPD431000AGU-B10-9KH
32-pin PLASTIC TSOP(I)
100
(8x13.4) (Reverse bent)


Similar Part No. - UPD431000AGZ-B15-KKH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD431000AGZ-B15-KJH RENESAS-UPD431000AGZ-B15-KJH Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000AGZ-B15-KKH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com