Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XRD8775 Datasheet(PDF) 3 Page - Exar Corporation

Part No. XRD8775
Description  CMOS 8-Bit High Speed Analog-to-Digital Converter
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXAR [Exar Corporation]
Homepage  http://www.exar.com
Logo 

XRD8775 Datasheet(HTML) 3 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
XRD8775
3
Rev. 4.00
ELECTRICAL CHARACTERISTICS TABLE
UNLESS OTHERWISE SPECIFIED: AV
DD = DVDD = 5V, FS = 15MHZ (50% DUTY CYCLE),
V
RT = 2.6V, VRB = 0.6V, TA = 25°C
25°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comments
KEYFEATURES
Resolution
8
Bits
Sampling Rate
FS
0.1
15
20
MHz
ACCURACY
Differential Non-Linearity
DNL
+/-0.75
LSB
@ 15MHz
Differential Non-Linearity
DNL
+/-0.5
LSB
@ 10MHz
Integral Non-Linearity
INL
+/-1.5
LSB
Best Fit Line
(Max INL – Min INL)/2
Zero Scale Error
EZS
+3
LSB
Full Scale Error
EFS
-2
LSB
REFERENCEVOLTAGES
Positive Ref. Voltage
V
RT
2.6
AV
DD
V
Negative Ref. Voltage
V
RB
AGND
0.6
V
Differential Ref. Voltage3
V
REF
1.0
AV
DD
V
V
REF = VRT – VRB
Ladder Resistance
R
L
245
350
550
Ladder Temp. Coefficient
R
TCO
2000
ppm/°C
Self Bias 1
Short V
RB and VRBS
V
RB
0.6
V
Short V
RT and VRTS
V
RT-VRB
2
V
Self Bias 2
V
RB = AGND,
V
RT
2.3
V
Short V
RT and VRTS
ANALOG INPUT
Input Bandwidth (–1 dB)2, 4
BW
50
MHz
Input Voltage Range
V
IN
V
RB
V
RT
V
Input Capacitance 5
C
IN
16
pF
Aperture Delay2
t
AP
3
ns
DIGITAL INPUTS
Logical “1” Voltage
V
IH
4.0
V
Logical “0” Voltage
V
IL
1.0
V
DC Leakage Current 6
I
IN
V
IN =DGND to DVDD
CLK
5
µA
Input Capacitance
5
pF
Clock Timing ( See Figure 1.)7
Clock Period
1/FS
50
66.7
ns
High Pulse Width
t
PWH
25
33.3
ns
Low Pulse Width
t
PWL
25
33.3
ns
DIGITAL OUTPUTS
C
OUT =15 pF
Logical “1” Voltage
V
OH
4.5
V
I
LOAD = 4 mA
Logical “0” Voltage
V
OL
0.4
V
I
LOAD = 4 mA
Data Valid Delay 8
t
DL
10
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn