Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD431000AGZ-70LL-KKH Datasheet(PDF) 3 Page - NEC

Part # UPD431000AGZ-70LL-KKH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD431000AGZ-70LL-KKH Datasheet(HTML) 3 Page - NEC

  UPD431000AGZ-70LL-KKH Datasheet HTML 1Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 2Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 3Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 4Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 5Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 6Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 7Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 8Page - NEC UPD431000AGZ-70LL-KKH Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet M11657EJBV0DS
3
µPD431000A
Pin Configurations (Marking Side)
/xxx indicates active low signal.
32-pin PLASTIC DIP (15.24 mm (600))
[
µµµµPD431000ACZ-xxL]
[
µµµµPD431000ACZ-xxLL]
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
VCC
A15
CE2
/WE
A13
A8
A9
A11
/OE
A10
/CE1
I/O8
I/O7
I/O6
I/O5
I/O4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0 - A16
: Address inputs
I/O1 - I/O8
: Data inputs / outputs
/CE1, CE2
: Chip Enable 1, 2
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
NC
: No connection
Remark Refer to Package Drawings for the 1-pin index mark.


Similar Part No. - UPD431000AGZ-70LL-KKH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD431000AGZ-70LL-KKH RENESAS-UPD431000AGZ-70LL-KKH Datasheet
892Kb / 30P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD431000AGZ-70LL-KKH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Toshiba Semiconductor
TC55V1001AFI TOSHIBA-TC55V1001AFI Datasheet
566Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC55V1001AF TOSHIBA-TC55V1001AF Datasheet
562Kb / 13P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128AJ TOSHIBA-TC558128AJ Datasheet
337Kb / 8P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ Datasheet
361Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
TC558128BJ TOSHIBA-TC558128BJ_V01 Datasheet
374Kb / 10P
   131,072-WORD BY 8-BIT CMOS STATIC RAM
1996-06-14
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com