Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3004PT Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SF3004PT
Description  30.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SF3004PT Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SF3004PT Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SF3004PT Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
!
Glass Passivated Die Construction
H
!
Super-Fast Switching for High Efficiency
!
High Current Capability
!
Low Reverse Leakage Current
S
!
High Surge Current Capability
J
!
Plastic Material has UL Flammability
R
K
Classification 94V-O
PIN1
2
3
L
P
Mechanical Data
N
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-750, Method 2026
A
!
Polarity: See Diagram
B
!
Weight: 5.6 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
C
PIN 1 -
+
PIN 3 -
Case PIN 2
G
D
E
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF
3001PT
SF
3002PT
SF
3003PT
SF
3004PT
SF
3005PT
SF
3006PT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
V
Average Rectified Output Current
@TC = 100°C
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 15A
VFM
0.95
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
175
pF
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
TO-3P
Dim
Min
Max
A
3.20
3.50
B
4.59
5.16
C
20.80
21.30
D
19.70
20.20
E
2.10
2.40
G
0.51
0.76
H
15.90
16.40
J
1.70
2.70
K
3.10 Ø
3.30 Ø
L
3.50
4.51
M
5.20
5.70
N
1.12
1.22
P
2.90
3.30
R
11.70
12.80
S
4.30 Typical
All Dimensions in mm
30.0 AMPS. Glass Passivated Super Fast Rectifiers
30.0 Amperes
SF3001PT THRU SF3006PT
Reverse Voltage - 50 to 400 Volts
Forward Current -
www.shunyegroup.com.cn


Similar Part No. - SF3004PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF3004PT WTE-SF3004PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF3004PT TSC-SF3004PT Datasheet
111Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3004PT TSC-SF3004PT Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3004PT TSC-SF3004PT Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SF3004PT THINKISEMI-SF3004PT Datasheet
706Kb / 2P
   30.0 Ampere Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SF3004PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF3001PT TSC-SF3001PT Datasheet
111Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT_1 Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT_10 Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G_10 Datasheet
573Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
   5.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com