Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP29A Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # TIP29A
Description  1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TIP29A Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  TIP29A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TIP29A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TIP29A Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
TIP29/TIP29A/TIP29B/TIP29C
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 3/3
Rev.05
0.03
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.03
0.5
5.0
70
3.0
100
7.0
300
30
0.1
0.3
0.07
1.0
TJ = 150°C
25°C
-55°C
VCE = 2.0 V
500
10
50
3.0
Figure 2. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
ts
0.03
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.1
3.0
0.07
1.0
1.0
IC/IB = 10
TJ = 25°C
tr @ VCC = 10 V
0.5
0.3
0.1
0.05
0.05
0.3
0.5
td @ VEB(off) = 2.0 V
0.03
0.7
2.0
0.07
0.7
tr @ VCC = 30 V
tf @ VCC = 10 V
tf @ VCC = 30 V
0.07
1.0
0.5
0.3
0.1
0.05
0.03
0.7
2.0
0.2
0.1
3.0
1.0
0.05
0.3
0.5
0.07
0.7
2.0
0.2
Figure 4. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE, (VOLTS)
10
0.1
10
SECOND BREAKDOWN LIMITED
THERMALLY LIMITED @ TC = 25°C
BONDING WIRE LIMITED
1.0
20
100
40
3.0
4.0
0.1
TIP29, 30
TIP29A, 30A
TIP29B, 30B
TIP29C, 30C
TJ = 150°C
CURVES APPLY BELOW
RATED VCEO
1 ms
dc
5 ms
2.0
0.2
RATINGS AND CHARACTERISTIC CURVES TIP29 SERIES


Similar Part No. - TIP29A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29A MOSPEC-TIP29A Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29A MCC-TIP29A Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Power Innovations Ltd
TIP29A POINN-TIP29A Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP29A MCC-TIP29A Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Transys Electronics
TIP29A TRSYS-TIP29A Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIP29A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
   10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
2N6676 NJSEMI-2N6676 Datasheet
208Kb / 2P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
MJ13090 MOTOROLA-MJ13090 Datasheet
266Kb / 6P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Toshiba Semiconductor
TDTC114E TOSHIBA-TDTC114E Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-12 Rev.4.0
TDTC123J TOSHIBA-TDTC123J Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TDTC143Z TOSHIBA-TDTC143Z Datasheet
227Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
TTC011B TOSHIBA-TTC011B Datasheet
272Kb / 6P
   Bipolar Transistors Silicon NPN Epitaxial Type
2016-02-09 Rev.1.0
TTC017 TOSHIBA-TTC017 Datasheet
487Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2015-03-24 Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com