Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1110P6-SD-F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T1110P6-SD-F
Description  Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T1110P6-SD-F Datasheet(HTML) 3 Page - Vishay Siliconix

  T1110P6-SD-F Datasheet HTML 1Page - Vishay Siliconix T1110P6-SD-F Datasheet HTML 2Page - Vishay Siliconix T1110P6-SD-F Datasheet HTML 3Page - Vishay Siliconix T1110P6-SD-F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T1110P6
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 21-May-14
3
Document Number: 81122
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Relative Spectral Sensitivity vs. Wavelength
Note
• All chips are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870.
The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of chip
backside is performed with stereo microscope with incident light and 40x to 80x magnification.
The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure
by QM is not installed.
HANDLING AND STORAGE CONDITIONS
• The hermetically sealed shipment lots shall be opened in temperature and moisture controlled cleanroom environment only.
It is mandatory to follow the rules for disposition of material that can be hazardous for humans and environment.
• Product must be handled only at ESD safe workstations. Standard ESD precautions and safe work environments are as
defined in MIL-HDBK-263.
• Singulated die are not to be handled with tweezers. A vacuum wand with non metallic ESD protected tip should be used.
PACKING
Chips are fixed on adhesive foil. Upon request the foils can be mounted on plastic frame or disco frame. For shipment, the
wafers are arranged to stacks and hermetically sealed in plastic bags to ensure protection against environmental influence
(humidity and contamination).
Use for recycling reliable operators only. We can help getting in touch with your nearest sales office. By agreement we will take
back packing material, if it is sorted. You will have to bear the costs of transport. We will invoice you for any costs incurred for
packing material that is returned unsorted or which we are not obliged to accept.
0
20
40
60
80
948407
E = 0
f = 1 MHz
VR - Reverse Voltage (V)
0.1
100
110
350
550
750
950
0
0.2
0.4
0.6
0.8
1.0
1150
94 8420
λ - Wavelength (nm)
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
2.97
mm
Length of chip edge (y-direction)
Ly
2.97
mm
Sensitive area
AS
2.74 x 2.74
mm2
Die height
H
0.28
mm
Bond pad anode
a x b
0.2 x 0.2
mm2
ADDITIONAL INFORMATION
Frontside metallization, anode
Aluminum
Backside metallization, cathode
NiV-Ag
Dicing
Sawing
Die bonding technology
Epoxy bonding


Similar Part No. - T1110P6-SD-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1110P6-SD-F VISHAY-T1110P6-SD-F Datasheet
84Kb / 5P
   Silicon PIN Photodiode
Rev. 1.4, 23-Mar-11
More results

Similar Description - T1110P6-SD-F

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com