Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAPA312 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. CAPA312
Description  3.5 Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor 3.5" Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

CAPA312 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
127
* All specifications and photos are subject to change without notice.
CPU
Intel® Pentium® processor N4200/Celeron® processor
N3350 onboard
System Memory
1 x 204-pin DDR3L-1867 SO-DIMM, up to 8GB
Chipset
SoC Integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
1 ~ 65535 sec.
Expansion Interface
1 x full-size PCI Express Mini Card with mSATA supported
1 x full-size PCI Express Mini Card
1 x SIM slot
Battery Lithium
Lithium 3 V/220 mAH
Power Input
2 x 2-pin cinnector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Pentium® N4200 @ 1.1 GHz, 8GB DDR3L
Max. RMS. +12V @ 1.5A
Intel® Celeron® N3350 @ 1.1 GHz, 8GB DDR3L
Max. RMS. +12V @ 1.2A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
Standard: -20°C ~ +60°C (-4°F ~ +140°F)
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
1 x VGA (optional)
1 x eDP (optional)
MIO
2 x RS-232/422/485
2 x RS-232
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports 10/100/1000 Mbps support Wake-on-LAN,
PXE Boot ROM with Intel® i211AT
Audio
HD Codec audio as Mic-in/Line-in/Line-out with Realtek
ALC662
USB
2 x USB 2.0
4 x USB 3.0
SMBus/I
2C
Yes for advanced monitoring/control
Digital I/O
8 Channels IN/OUT programmed
TPM
ST ST33TPM12LPC with TPM1.2 compliant
CAPA312
3.5" Embedded SBC with Intel® Pentium® Processor N4200 & Celeron® Processor
N3350, HDMI/LVDS, Dual LANs and Audio
NEW
Standard
CAPA312HGGA-N4200
(P/N: E38E312100)
3.5" Embedded SBC with Intel® Pentium® processor
N4200 (1.1-2.5 GHz, 2MB Cache, 6 W) LVDS/HDMI, 2 GbE
LANs and audio
CAPA312HGGA-N3350
(P/N: E38E312102)
3.5" Embedded SBC with Intel® Celeron® processor N3350
(1.1-2.4 GHz, 2MB Cache, 6 W) LVDS/HDMI, 2 GbE LANs
and audio
I/O
Ordering Information
Core System
Display
Features
Intel® Pentium® processor N4200/Celeron® processor
N3350
1 DDR3L SO-DIMM, up to 8GB
2 USB 2.0 and 4 USB 3.0 ports
2 PCI Express Mini Cards
Top view
Rear view
Ethernet 2
COM 4
COM 3
Audio
USB 2.0 1/2
+12V power input
SATA
Ethernet 1
USB 3.0 3/4
USB 3.0 1/2
HDMI
COM 1
COM 2
DDR3L SO-DIMM
Full-size PCIe
Mini Card
with mSATA
supported
Full-size PCIe
Mini Card
LVDS
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L
Packing List
Standard
Quick installation guide, user’s manual/utility CD and accessories
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket, P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/ bracket, P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket, 180 mm
1
Updated Aug. 31, 2017.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn