Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA2532 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TRA2532
Description  Overvoltage Transient Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TRA2532 Datasheet(HTML) 1 Page - ON Semiconductor

  TRA2532 Datasheet HTML 1Page - ON Semiconductor TRA2532 Datasheet HTML 2Page - ON Semiconductor TRA2532 Datasheet HTML 3Page - ON Semiconductor TRA2532 Datasheet HTML 4Page - ON Semiconductor TRA2532 Datasheet HTML 5Page - ON Semiconductor TRA2532 Datasheet HTML 6Page - ON Semiconductor TRA2532 Datasheet HTML 7Page - ON Semiconductor TRA2532 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
October, 2000 – Rev. 1
1
Publication Order Number:
TRA2532/D
TRA2532
Overvoltage
Transient Suppressor
24 V–32 V
Designed for applications requiring a diode with reverse avalanche
characteristics for use as reverse power transient suppressor.
Developed to suppress transients in automotive system, this device
operates in the forward mode as standard rectifier or reverse mode as
power zener diode and will protect expensive modules such as
ignition, injection, antiblocking system . . . from overvoltage conditions.
High Power Capability
Economical
Mechanical Characteristics
Finish: All External Surfaces are Corrosion Resistant, and Contact
Areas are Readily Solderable
Polarity: Indicated by Cathode Band
Weight: 1.8 Grams (Approximately)
Maximum Temperature for Soldering Purposes: 260°C
Marking: 2532
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Blocking Voltage
VR
23
Volts
Average Forward Current
(Single Phase, Resistive Load,
TC = 150°C)
IO
32
Amps
Peak Repetitive Reverse Surge Current
(Time Constant = 10 ms, TC = 25°C)
IRSM
80
Amps
Non–Repetitive Peak Surge Current
(Halfwave, Single Phase, 60 Hz)
IFSM
500
Amps
Operating Junction Temperature Range
TJ
–65 to
+175
°C
Storage Temperature Range
Tstg
–65 to
+150
°C
Device
Package
Shipping
ORDERING INFORMATION
TRA2532
http://onsemi.com
Microde Button
5000 Units/Box
MICRODE BUTTON
CASE 193
MARKING DIAGRAM
2532
= Device Code
L
= Location Code
YY
= Year
WW
= Work Week
2532 LYYWW


Similar Part No. - TRA2532

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRA25-103 RCD-TRA25-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA25-104 RCD-TRA25-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA25-105 RCD-TRA25-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA25-106 RCD-TRA25-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA25-107 RCD-TRA25-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRA2532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
   Overvoltage Transient Suppressor
December, 2002 - Rev. 1
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
   Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
NTE Electronics
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4963 NTE-NTE4963 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectional
NTE4902 NTE-NTE4902 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE4903 NTE-NTE4903 Datasheet
26Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Bidirectiona
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com