Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS44100 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TMS44100
Description  4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44100 Datasheet(HTML) 5 Page - Texas Instruments

  TMS44100 Datasheet HTML 1Page - Texas Instruments TMS44100 Datasheet HTML 2Page - Texas Instruments TMS44100 Datasheet HTML 3Page - Texas Instruments TMS44100 Datasheet HTML 4Page - Texas Instruments TMS44100 Datasheet HTML 5Page - Texas Instruments TMS44100 Datasheet HTML 6Page - Texas Instruments TMS44100 Datasheet HTML 7Page - Texas Instruments TMS44100 Datasheet HTML 8Page - Texas Instruments TMS44100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TMS44100, TMS44100P, TMS46100, TMS46100P
4194304-WORD BY 1-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS561A – MARCH 1995 – REVISED JUNE 1995
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
test mode (continued)
Test-Mode Cycle
Entry Cycle
Exit Cycle
Normal
Mode
RAS
CAS
W
† The states of W, data in, and address are defined by the type of cycle used during test mode.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC:
TMS44100, TMS44100P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . .
TMS46100, TMS46100P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1): TMS44100, TMS44100P
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . .
TMS46100, TMS46100P
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
TMS44100 / P
TMS46100 / P
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
3
3.3
3.6
V
VIH
High-level input voltage
2.4
6.5
2
VCC + 0.3
V
VIL
Low-level input voltage (see Note 2)
–1
0.8
– 0.3
0.8
V
TA
Operating free-air temperature
0
70
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn