Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARR-TNC-SA-JP-D1-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # ARR-TNC-SA-JP-D1-CF
Description  Coaxial Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

ARR-TNC-SA-JP-D1-CF Datasheet(HTML) 1 Page - DDK Ltd.

  ARR-TNC-SA-JP-D1-CF Datasheet HTML 1Page - DDK Ltd. ARR-TNC-SA-JP-D1-CF Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Coaxial Arrester
ARR Series
・The gas discharge tube is installed.
・Due to wide frequency band, it can be applied to many applications.
・The terminal lug is available for grounding.
・N, TNC and SMA interface are available. Regarding other interface, please contact our sales.
Characteristic Impedance
50 Ω
Insulation Resistance
100M Ω (min.) at 100V DC
Contact Resistance
6m Ω (min)
V.S.W.R.
N Type   1.2 max.(DC 〜 6GHz)
TNC Type  1.25 max. (DC 〜 6GHz)
SMA Type 1.2 max.(DC 〜 3GHz)
Insertion Loss
0.3dB min.(DC 〜 6GHz)
DC Spark-over Voltage
150V min. at 100V /sec.
Impulse Spark-over Voltage 700V max. at 1000V / μ sec.
Surge Rating
10,000 A on 8/20 μ sec. 1 hit
Operating Temperature
-55 〜 +85℃
RoHS
Compliant
RoHS
Compliant
Characteristic
Impedance
50 Ω
Item
Material / Finish
Contact
Copper Alloy / Au over Ni Plating 
Outer Conductor Copper Alloy / Ni Plating
Insulator
PTFE
121228
ARR series protects the device from the surge
voltage, utilizing the gas discharge tube.
It prevent the surge voltage from circuits of the
base station.
Base Station Antenna, ETC, Wireless LAN
OUT LINE
FEATURES
APPLICATIONS
SPECIFICATIONS
MATERIAL/FINISH
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.


Similar Part No. - ARR-TNC-SA-JP-D1-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
ARR-TNC-SA-JP-D1 DDK-ARR-TNC-SA-JP-D1 Datasheet
238Kb / 2P
   Coaxial Arrester
More results

Similar Description - ARR-TNC-SA-JP-D1-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
ARR DDK-ARR Datasheet
238Kb / 2P
   Coaxial Arrester
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com