Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0901560148 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0901560148
Description  2.54mm Pitch C-Grid III Crimp Housing Single Row, 8 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0901560148 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0901560148_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901560148
Status:
Active
Overview:
C-Grid III™
Description:
2.54mm Pitch C-Grid III Crimp Housing Single Row, 8 Circuits
Documents:
3D Model
Packaging Specification PK-90156-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
90156
Application
Signal, Wire-to-Board
MolexKits
Yes
Overview
C-Grid III™
Product Name
C-Grid III
UPC
800753667891
Physical
Breakaway
No
Circuits (maximum)
8
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
PPO
Net Weight
0.680/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-90156-0001
Sales Drawing
SDA-90156
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
90156 Series
Mates With
90120 , 90121, 90136
Use With
90119
This document was generated on 10/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0901560148_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901560148 MOLEX10-0901560148 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 8 Circuits
More results

Similar Description - 0901560148_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901560148 MOLEX10-0901560148 Datasheet
140Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Single Row, 8 Circuits
0901420008 MOLEX1-0901420008_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 8 Circuits
90142-0008 MOLEX11-90142-0008 Datasheet
35Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 8 Circuits
90156-0145 MOLEX11-90156-0145 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 5 Circuits
90156-0146 MOLEX11-90156-0146 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 6 Circuits
90156-0152 MOLEX11-90156-0152 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 12 Circuits
90156-0156 MOLEX11-90156-0156 Datasheet
33Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 16 Circuits
90156-0162 MOLEX11-90156-0162 Datasheet
33Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Single Row, 22 Circuits
0901560154 MOLEX1-0901560154_17 Datasheet
27Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 14 Circuits
0901560170 MOLEX1-0901560170_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Single Row, 30 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com