Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRA-T Datasheet(PDF) 1 Page - Picker Components

Part # PTRA-T
Description  40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRA-T Datasheet(HTML) 1 Page - Picker Components

  PTRA-T_18 Datasheet HTML 1Page - Picker Components PTRA-T_18 Datasheet HTML 2Page - Picker Components PTRA-T_18 Datasheet HTML 3Page - Picker Components PTRA-T_18 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PTRA-T Rev M 6/21/2017
1 of 3
40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
PTRA-T
ORDERING INFORMATION
Example:
PTRA
-1C
-12
S
-T5
-X
Model: PTRA (PTRA-T)
Contact Form: 1A, 1B, 1C
Coil Voltage: 12, 24, 110, 120, 220, 240, 277
Enclosure: T2 & T3: C: Dust Cover; S: Sealed;
T4 & T5: S: Covered, Not Washable
Insulation Material: Nil: Class F
Contact Material: Nil: AgCdO; T: AgSnO2In2O3
Mounting Type: T2: 1 Form A PCB & QC; T3; 1 Form C PCB & QC:
T4: 1 Form A Panel all QC; T5: 1 Form C Panel all QC
RoHS Compliant: -X
T2 & T3 Box Quantity: 600; Inner Box 300, T4 & T5 Box Quantity: 400: Inner Box:100
E93379
Load Type
Voltage
1 Form A
1 Form B
(SPDT-NC)
1 Form C
NO
NC
General Purpose
120 VAC
40 A
30 A
40 A
30 A
240 VAC
30 A
20 A
30 A
20 A
277 VAC
30 A
20 A
30 A
20 A
280 VAC
5 A
5 A
5 A
5 A
30 VDC
40 A
30 A
40 A
30 A
Resistive
250K Cycles
100K Cycles
240 VAC
40 A
30 A
40 A
30 A
240 VAC
20 A
——
20 A
——
277 VAC
25 A
——
25 A
——
30 VDC
40 A
30 A
40 A
30 A
Motor
250 VAC
2 HP
1.5 HP
2 HP
1.5 HP
120 VAC
1 HP
——
1 HP
——
Ballast
280 VAC
5 A
5 A
5 A
5 A
Lamp Load TV- 120 VAC
5 A
——
5 A
——
LRA/FLA
240 VAC 80 A/30 A
——
80 A/30
——
120 VAC 96 A/30 A
——
96 A/30
——
CONTACT DATA
Material
AgCdO, AgSnO2In2O3
Initial Contact Resistance
30 mΩ Max. @ 1 A, 6 VDC
Maximum Switching Voltage
110 VDC, 300 VAC
Maximum Switching Current
40 A
Maximum Switching Power
1,200 W, 10,000 VA
Service Life
Mechanical
1 x 107 Operations
Electrical
1 x 105 Operations
Meets UL 508 and UL 873 Spacing - 3.18 mm Through Air, 6.36 mm Over
Surface.
FEATURES
 Power PCB Relay with AC Coils
 40 Amp 240 VAC Resistive UL Rating
 2 HP 250 VAC Rating
 Two Version:
T2 (1A), T3 (1C) PC Pins & QC Pins
T4 (1A), T5 (1C) QC Pins with Mounting Tabs
 UL Class F Insulation Standard
 Meets UL 508 and UL 873 Spacing
 RoHS Compliant
T2 & T3
T4 & T5


Similar Part No. - PTRA-T_18

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRA-T PICKER-PTRA-T_16 Datasheet
550Kb / 3P
   40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
More results

Similar Description - PTRA-T_18

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRA-T PICKER-PTRA-T_16 Datasheet
550Kb / 3P
   40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
PTRA PICKER-PTRA_16 Datasheet
611Kb / 2P
   40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
PTRA PICKER-PTRA_17 Datasheet
2Mb / 3P
   40 Amp Power Relay with AC Coils & Low Case Profile QC Terminals
PTRA-OT PICKER-PTRA-OT_17 Datasheet
5Mb / 4P
   40 Amp Power Relay with AC Coil, Low Case Profile & QC Terminals
PTRA-OT PICKER-PTRA-OT_16 Datasheet
1Mb / 3P
   40 Amp Power Relay with AC Coil, Low Case Profile & QC Terminals
PTRA PICKER-PTRA_14 Datasheet
304Kb / 2P
   40 AMP Power PCB Relay With AC Coils
PTRA PICKER-PTRA Datasheet
183Kb / 2P
   30 AMP Power PCB Relay With AC Coils
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PC740 PICKER-PC740_16 Datasheet
643Kb / 4P
   40 Amp Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com