Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM22EPPH4007-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PKM22EPPH4007-B0
Description  Piezoelectric Sounders / Buzzers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM22EPPH4007-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PKM22EPPH4007-B0_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM22EPPH4007-B0_17 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PKM22EPPH4007-B0 from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PKM22EPPH4007-B0
PKM22EPPH4007-B0
Specifications
Size
φ22.0×12.0 mm
Frequency
4.0kHz
Sound Pressure Level
92dB (typ.)
Sound Pressure Level
85dB (min.)
Measure Condition of Sound
Pressure Level
[±1.5Vo-p,4.0kHz,square wave,10cm]
Capacitance
12nF
Capacitance Tolerance
±30%
Measurement Condition of
Capacitance
[1kHz]
Maximum input voltage
±15.0Vo-p max. or 30.0Vo-p max.
Operating Temperature Range
-
20
to
70
Storage Temperature Range
-
30
to
80
Shape
Lead
Lead Shape
Pin type
Lead length
Lead length:6.5mm
Drive Type
External Drive
EIAJ Part Number
PS-RP2-C22-40
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/11/01


Similar Part No. - PKM22EPPH4007-B0_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_V01 Datasheet
365Kb / 3P
   Externally driven piezoelectric sounders are used in digital
07/04/2023
More results

Similar Description - PKM22EPPH4007-B0_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4001-B0 MURATA-PKM22EPPH4001-B0 Datasheet
222Kb / 3P
   Piezoelectric Sounders / Buzzers
PKMCS0909E4000-R1 MURATA-PKMCS0909E4000-R1_17 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2003 MURATA-PKM22EPH2003_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com