Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM17EPPH4001-B0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PKM17EPPH4001-B0
Description  Piezoelectric Sounders / Buzzers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM17EPPH4001-B0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PKM17EPPH4001-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PKM17EPPH4001-B0 from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PKM17EPPH4001-B0
PKM17EPPH4001-B0
Appearance & Shape
Applications
Other Usage
Consumer/Industrial
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-B0
Bulk
1200
Features
Externally driven piezoelectric sounders are used in digital watches,
electronic calculators, telephones and other equipment. They are
driven by a signal (ex.: 2048Hz or 4096Hz) from an LSI and provide
melodious sound.
Features
1. Low power consumption
2. No noise and high reliability
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/11/01


Similar Part No. - PKM17EPPH4001-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA-PKM17EPPH4001-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA1-PKM17EPPH4001-B0 Datasheet
348Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
PKM17EPPH4001-B0 MURATA1-PKM17EPPH4001-B0_V01 Datasheet
348Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
More results

Similar Description - PKM17EPPH4001-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E24A0-R1 MURATA-PKLCS1212E24A0-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM13EPYH4002-B0 MURATA-PKM13EPYH4002-B0_17 Datasheet
214Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4001-B0 MURATA-PKM22EPPH4001-B0 Datasheet
222Kb / 3P
   Piezoelectric Sounders / Buzzers
PKMCS0909E4000-R1 MURATA-PKMCS0909E4000-R1_17 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2003 MURATA-PKM22EPH2003_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com