Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA2069AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TA2069AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA2069AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TA2069AF
2002-10-30
4
Terminal
No.
Name
Function
Internal Circuit
Terminal
Voltage (V)
10
PW INC
Input of center
amplifier
10
20kΩ
VREF
30kΩ
2kΩ
VREF
1.2
11
PW GND
GND for power drive
stage
0
12
GVN GND
GND for motor
governor stage
0
13
GVN OUT
Motor terminal
14
GVN CTL
The terminal of motor
speed control
15
Rt
The terminal of amateur
compensation resistor
16
GVN VCC
VCC for motor governor
stage.
16
15
14
13
M
3
17
VCC
VCC for preamplifier
stage and power
amplifier stage.
3
19
RF IN
Ripple filter of power
supply
2.5
24
VREF
Reference voltage
Preamplifier and
power amplifier
operate on this
reference.
24
19
VCC
1.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn