Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP90P06-09L Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SUP90P06-09L
Description  P-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUP90P06-09L Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUP90P06-09L
Vishay Siliconix
New Product
Document Number: 73010
S-41203—Rev. A, 21-Jun-04
www.vishay.com
5
THERMAL RATINGS
0
50
100
150
200
0
25
50
75
100
125
150
175
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
1
Maximum Avalanche and Drain Current
vs. Case Temperature
TC − Case Temperature (_C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
1000
1
0.1
1
10
100
Limited by rDS(on)
0.1
10
1 ms
10 ms
100 ms
TC = 25_C
Single Pulse
100 ms, dc
10 ms
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Limited
by Package


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn