Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP90P06-09L Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUP90P06-09L
Description  P-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUP90P06-09L Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUP90P06-09L
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73010
S-41203—Rev. A, 21-Jun-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.3
0.6
0.9
1.2
0.5
0.8
1.1
1.4
1.7
2.0
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
10
1
VGS = 10 V
ID = 30 A
Drain Source Breakdown vs.
Junction Temperature
Avalanche Current vs. Time
56
60
64
68
72
76
−50 −25
0
25
50
75
100 125 150 175
TJ − Junction Temperature (_C)
tin (Sec)
1000
10
0.0001
0.001
0.1
1
100
0.01
IAV (A) @ TA = 25_C
IAV (A) @ TA = 150_C
1
0.1
ID = 10 mA
TJ = 25_C
TJ = 150_C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn