Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP10U45 Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SP10U45
Description  SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SP10U45 Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SP10U45 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SP10U45 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SP10U45 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SP10U45 Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SP10U45 Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com
Page: 2 of 5
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
(TA=25°C(UNLESS OTHERWISE NOTED)
Tj=125
Tj=25
Tj=125
Tj=25
Tj=125
Tj=25
SP10U45
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER


Similar Part No. - SP10U45

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SP10U45L JINANJINGHENG-SP10U45L Datasheet
59Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP10U45L JINGHENG-SP10U45L Datasheet
59Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SP10U45L JINGHENG-SP10U45L Datasheet
626Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP10U45L-T JINANJINGHENG-SP10U45L-T Datasheet
59Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP10U45L-T JINGHENG-SP10U45L-T Datasheet
609Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP10U45

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SP10U100SL JINGHENG-SP10U100SL Datasheet
631Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U150SL JINGHENG-SP10U150SL Datasheet
688Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U50SL JINGHENG-SP15U50SL Datasheet
615Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SS56SLS JINGHENG-SS56SLS Datasheet
501Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U60SL JINGHENG-SP15U60SL Datasheet
610Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR340SL JINANJINGHENG-SR340SL Datasheet
62Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP30U100L JINGHENG-SP30U100L Datasheet
619Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR10100SLCT JINANJINGHENG-SR10100SLCT Datasheet
115Kb / 4P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SR20100SLCT JINANJINGHENG-SR20100SLCT Datasheet
105Kb / 4P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP5U60SL JINGHENG-SP5U60SL Datasheet
611Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U60SL JINGHENG-SP10U60SL Datasheet
623Kb / 3P
   SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com