Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1813 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1813
Description  Integrated Circuit Color Signal Processor for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1813 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1813 Datasheet HTML 1Page - NTE Electronics NTE1813 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1813
Integrated Circuit
Color Signal Processor for VCR
Description:
The NTE1813 is an integrated circuit in a 22–Lead DIP type package. When combined with the
NTE1814, this device provides the functions which process VCR color signals at the 2H/4H/6H mode
is NTSC systems.
Features:
D Low Operating Supply Voltage: VCC = 5V
D Low Power Consumption: 110mW
D AFC and APC System in Recording Mode. APC System Only During Playback Mode.
D Better S/N Ratio by Chroma ACC (2H/6H Mode).
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 5V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
Itot
15
32
mA
REC Output Amplitude (Burst ACC)
vO14–R Pin22 Input Burst 0.1VP–P
0.5
1.2
VP–P
REC ACC Control Sensitivity (Burst ACC)
bAGC–B +6dB to –15dB
3
dB
Chroma ACC
bAGC–C
0.5
4.5
dB
Main BM Amp Gain
GV–16
Pin20 Input 0.5VP–P
4
9
dB
Main BM carrier Leak
CL16
–33
dB
Burst Emphasis Amount
GE11
Pin20 Input 0.25VP–P
5
7
dB
REC Current Up Rate
GREC
Pin20 Input 0.25VP–P
0.5
2.5
dB
PB Output Amplitude (2H)
vO14–P Pin1 Input 0.2VP–P
0.2
0.55
VP–P
Burst De–Emphasis Amount
GDE
Pin1 Input 0.2VP–P
–6.5
–4.5
dB
Note 1. Operating Supply Voltage: VCC(opr) = 4.5V to 5.5V.


Similar Part No. - NTE1813

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE181 NTE-NTE181 Datasheet
23Kb / 2P
   Silicon Power Transistor High Power Audio Amplifier
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
   Integrated Circuit Color TV Video System
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 20W, Dual Power Supply
More results

Similar Description - NTE1813

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
   Integrated Circuit CMOS, Color Signal Processor for VCR
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
   Integrated Circuit Record Video Signal Processor for VCR
NTE1422 NTE-NTE1422 Datasheet
87Kb / 3P
   Integrated Circuit Playback Video Signal Processor for VCR
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
   Integrated Circuit VIR Signal Processor for Color TV
NTE1473 NTE-NTE1473 Datasheet
76Kb / 3P
   Integrated Circuit Color & Video Signal Processor
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1808 NTE-NTE1808 Datasheet
26Kb / 3P
   Integrated Circuit Playback Video Processor for VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com