Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS20 Datasheet(PDF) 1 Page - Picker Components

Part # PCS20
Description  1.5 Amp Solid State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS20 Datasheet(HTML) 1 Page - Picker Components

  PCS20_17 Datasheet HTML 1Page - Picker Components PCS20_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS20 Rev B 7/21/2016
1 of 2
FEATURES
 Load Current 1.2 or 1.5 Amp
 Load Output Range 48-280VAC
 DC Input: 5 V, 12 V or 24 V
 SIL Printed Circuit Board Mount
 2,000 VAC Opto-Isolation Between Input and Output
 Zero-Cross or Random Turn-On
 Optional RC Snubber
 RoHS Compliant
1.5 Amp Solid State Relay
PCS20
E93379
INPUT PARAMETERS (Ta = 25°C)
Control Voltage Range
5
4 - 6 VDC
12
9.6 - 14.4 VDC
24
19.2 - 28.8 VDC
Must Operate Voltage
5
4 VDC
12
9.6 VDC
24
1.0 VDC
Must Release Voltage
1.0 VDC
Maximum Input Current
20 mA
5
270 Ω
Input Resistance
12
750 Ω
24
1,640 Ω
OUTPUT PARAMETERS (Ta = 25°C)
Load Voltage Range
48 VAC to 280 VAC
Load Current Range
0.1 A to 1.5 A
Max. Surge Current (10ms)
25 Apk
Max. Leakage Current
1.5 mA
Max. On-State Voltage Drop
1.5 Vrms
Max. Turn-On Time
Zero Cross
1/2 Cycle + 1 ms
Random
1 ms
Max. Turn-Off Time
1/2 Cycle + 1 ms
600 Vpk
Max. Transient Overvoltage
Off-State dv/dt
200 V/us
Max Zero-Cross Overvoltage
± 15 V
Min. Power Factor
0.5
Max. I2t for Fusing (10 ms)
3.1 A2 s
ORDERING INFORMATION
CHARACTERISTICS
Dielectric Strength (Input to Output)
2,000 VAC, 50 Hz/60 Hz, 1 min
Insulation Resistance
1,000 MΩ at 500 VDC
Vibration Resistance
10 Hz to 55 Hz 1.5 mm DA
Shock Resistance
980 m/s2
CHARACTERISTICS Continued
Operating Temperature
- 30°C to 80°C
Storage Temperature
- 30°C to 100°C
Ambient Humidity
45% to 85% RH
Weight
3.5 g
Example:
PCS20
-12D
-240A
-2
Z
T
-241
Model: PCS20
Control Voltage: 5D: 4 - 6VDC, 12D: 9.6 - 14.4 VDC,
24D: 19.2 - 28,8 VDC
Load Voltage: 240A: 240VAC
Load Current: 1.2: 1.2 Amp, 1.5: 1.5 Amp
Switching Type: Z: Zero Crossing, R: Random Turn-On
RC Snubber: Nil: Without RC Snubber, S*: With RC Snubber
Pin Spacing: Nil: 3-3-1mm, 241: 2-4-1mm
Note: PCS20 with Snubber is not UL Recognized
Box Quantity: 5,000; Inner Box: 50


Similar Part No. - PCS20_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
More results

Similar Description - PCS20_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
   2 Amp Solid State Relay
PCS4 PICKER-PCS4_17 Datasheet
2Mb / 2P
   2 Amp Solid State Relay
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
   SOLID STATE RELAY 2 AMP 250 VAC
logo
Fujitsu Component Limit...
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com