Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3244RGYR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3244RGYR
Description  8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3244RGYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CB3Q3244RGYR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3244RGYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN74CB3Q3244
8BIT FET BUS SWITCH
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS154B − OCTOBER 2003 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VI − V
TYPICAL ron
vs
VI
VCC = 3.3 V
TA = 25°C
IO = −15 mA
Figure 1. Typical ron vs VI, VCC = 3.3 V and IO = −15 mA
0
2
4
6
8
10
12
0
2468
10
12
14
16
18
20
OE Switching Frequency − MHz
TYPICAL ICC
vs
OE SWITCHING FREQUENCY
VCC = 3.3 V
TA = 25°C
A and B ports Open
One OE Switching
Figure 2. Typical ICC vs OE Switching Frequency, VCC = 3.3 V


Similar Part No. - SN74CB3Q3244RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3244RGYR TI1-SN74CB3Q3244RGYR Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3244RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com