Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AHC139 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AHC139
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC139 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC139 Datasheet HTML 1Page - Texas Instruments SN74AHC139 Datasheet HTML 2Page - Texas Instruments SN74AHC139 Datasheet HTML 3Page - Texas Instruments SN74AHC139 Datasheet HTML 4Page - Texas Instruments SN74AHC139 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN54AHC139, SN74AHC139
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K – DECEMBER 1995 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHC139
SN74AHC139
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = –50 mA
3 V
2.9
3
2.9
2.9
VOH
4.5 V
4.4
4.5
4.4
4.4
V
OH
IOH = –4 mA
3 V
2.58
2.48
2.48
IOH = –8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
4.5 V
0.1
0.1
0.1
V
OL
IOL = 4 mA
3 V
0.36
0.5
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC139
SN74AHC139
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
7.2**
11**
1**
13**
1
13
ns
tPHL
A or B
Y
CL = 15 pF
7.2**
11**
1**
13**
1
13
ns
tPLH
G
Y
CL =15 pF
6.4**
9.2**
1**
11**
1
11
ns
tPHL
G
Y
CL = 15 pF
6.4**
9.2**
1**
11**
1
11
ns
tPLH
AorB
Y
CL =50 pF
9.7
14.5
1
16.5
1
16.5
ns
tPHL
A or B
Y
CL = 50 pF
9.7
14.5
1
16.5
1
16.5
ns
tPLH
G
Y
CL =50 pF
8.9
12.7
1
14.5
1
14.5
ns
tPHL
G
Y
CL = 50 pF
8.9
12.7
1
14.5
1
14.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC139
SN74AHC139
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
5**
7.2**
1**
8.5**
1
8.5
ns
tPHL
A or B
Y
CL = 15 pF
5**
7.2**
1**
8.5**
1
8.5
ns
tPLH
G
Y
CL =15 pF
4.4**
6.3**
1**
7.5**
1
7.5
ns
tPHL
G
Y
CL = 15 pF
4.4**
6.3**
1**
7.5**
1
7.5
ns
tPLH
AorB
Y
CL =50 pF
6.5
9.2
1
10.5
1
10.5
ns
tPHL
A or B
Y
CL = 50 pF
6.5
9.2
1
10.5
1
10.5
ns
tPLH
G
Y
CL =50 pF
5.9
8.3
1
9.5
1
9.5
ns
tPHL
G
Y
CL = 50 pF
5.9
8.3
1
9.5
1
9.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn