Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ABTE16245WD Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54ABTE16245WD
Description  16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ABTE16245WD Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54ABTE16245WD Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
SN54ABTE16245, SN74ABTE16245
16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS226J – JULY 1993 – REVISED DECEMBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
SN54ABTE16245
SN74ABTE16245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
ICC (VCCBIAS)
VCC = 0 to 4.5 V, VCCBIAS = 4.5 V to 5.5 V,
IO(DC) = 0
250
700
250
700
µA
ICC (VCCBIAS)
VCC = 4.5 V to 5.5 V‡, VCCBIAS = 4.5 V to 5.5 V,
IO(DC) = 0
20
20
µA
VO
A port
VCC =0
VCCBIAS = 4.5 V to 5.5 V
1.1
1.5
1.9
1.1
1.5
1.9
V
VO
A port
VCC = 0
VCCBIAS = 4.75 V to 5.25 V
1.3
1.5
1.7
1.3
1.5
1.7
V
IO
A port
VCC =0
VCCBIAS=4 5V
VO = 0
–20
–100
–20
–100
µA
IO
A port
VCC = 0,
VCCBIAS = 4.5 V
VO = 3 V
20
100
20
100
µA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ VCC – 0.5 V < VCCBIAS
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABTE16245
SN74ABTE16245
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.5
3.3
4.2
1.5
5.4
1.5
5.2
ns
tPHL
A
B
1.5
3.8
4.6
1.5
5.4
1.5
5.2
ns
tPLH
B
A
1.5
3
3.8
1.5
4.7
1.5
4.5
ns
tPHL
B
A
1.5
3.1
4
1.5
4.7
1.5
4.5
ns
tPZH
OE
A
2
3.9
5.3
2
6.4
2
6.2
ns
tPZL
OE
A
2
4.4
5.9
2
7
2
6.8
ns
tPZH
OE
B
2
4.5
6
2
7.3
2
7.1
ns
tPZL
OE
B
2
5
6.4
2
7.5
2
7.3
ns
tPHZ
OE
A
2
4.9
5.9
2
7
2
6.7
ns
tPLZ
OE
A
2
3.7
4.6
2
5.4
2
5.1
ns
tPHZ
OE
B
2
5.2
6.2
2
7.2
2
7
ns
tPLZ
OE
B
2
4
5
2
5.8
2
5.5
ns


Similar Part No. - SNJ54ABTE16245WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABTE16245WD TI-SNJ54ABTE16245WD Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABTE16245WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16246 TI-SN54ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com