Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP20L60SG Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # CTP20L60SG
Description  20A Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CTP20L60SG Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  CTP20L60SG Datasheet HTML 1Page - Chip Integration Technology Corporation CTP20L60SG Datasheet HTML 2Page - Chip Integration Technology Corporation CTP20L60SG Datasheet HTML 3Page - Chip Integration Technology Corporation CTP20L60SG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
Chip Integration Technology Corporation
Document ID : DS-11K051
Revised Date : 2017/07/21
Revision : C
CTP20L60SG
20A Trench Schottky Rectifier


Similar Part No. - CTP20L60SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CTP20L45SG CITC-CTP20L45SG Datasheet
522Kb / 4P
   20A Trench Schottky Rectifier
More results

Similar Description - CTP20L60SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
   20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
   20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
logo
Chip Integration Techno...
CF20100CT CITC-CF20100CT Datasheet
469Kb / 3P
   20A Trench Schottky Rectifier
CP20L120SG CITC-CP20L120SG Datasheet
116Kb / 3P
   20A Trench Schottky Rectifier
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
   20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
   20A Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com