Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTP10S200SG Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CTP10S200SG
Description  10A Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CTP10S200SG Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CTP10S200SG Datasheet HTML 1Page - Chip Integration Technology Corporation CTP10S200SG Datasheet HTML 2Page - Chip Integration Technology Corporation CTP10S200SG Datasheet HTML 3Page - Chip Integration Technology Corporation CTP10S200SG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
■ TO-277B foot print
Dimensions in inches and (millimeters)
B
0.142 (3.60)
A
0.185 (4.70)
C
0.152 (3.87)
D
0.260 (6.60)
E
0.055 (1.40)
D
B
E
A
C
F
G
F
G
0.035 (0.90)
0.031 (0.80)
■Marking information
: CITC Logo
CTP
10S200S
CTP10S200S: Product type marking code
■Ordering/Packing inf ormation
Case
Q’TY/Reel (PCS)
Q’TY/Box (PCS)
Q’TY/Carton(PCS)
CTP10S200SG
TO-277B
5,000
10,000
40,000
Notes: 1. For packaging details, please reference our website at http://www.citcorp.com.tw/tchinese/products/index.php
Part number
Halogen free
CTP10S200SG
10A Trench Schottky Rectifier
Chip Integration Technology Corporation
Document ID : DS-11K046
Revised Date : 2017/04/18
Revision : C


Similar Part No. - CTP10S200SG

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CTP100 AMPHENOL-CTP100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
More results

Similar Description - CTP10S200SG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF10S100CT CITC-CF10S100CT Datasheet
475Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
   10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
   10A Trench Schottky Rectifier
CF10L100CT CITC-CF10L100CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
   10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10100CT DIODES-SDT10100CT Datasheet
773Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
February 2022 Rev. 4 - 2
logo
Chip Integration Techno...
C10S100CT CITC-C10S100CT Datasheet
474Kb / 3P
   10A Trench Schottky Rectifier
C10U60CT CITC-C10U60CT Datasheet
483Kb / 3P
   10A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT10A100CT DIODES-SDT10A100CT Datasheet
700Kb / 6P
   10A TRENCH SCHOTTKY RECTIFIER
March 2022
logo
Chip Integration Techno...
CF10L45CT CITC-CF10L45CT Datasheet
468Kb / 3P
   10A Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com