Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60IR4470AA40K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R60IR4470AA40K
Description  R60, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60IR4470AA40K Datasheet(HTML) 1 Page - Kemet Corporation

  R60IR4470AA40K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 91da5156-67be-4e2d-af24-12d3945b3ba4
KEMET Part Number: R60IR4470AA40K
R60, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
Dimensions
L
32mm +0.3mm
H
17mm +1mm
T
9mm +0.2mm
S
27.5mm +/-0.4mm
LL
4mm +2mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 816
General Information
Supplier: KEMET
Series: R60
Dielectric: Metallized Polyester
Style: Radial
Features: DC Multipurpose Applicatiions
RoHS: Yes
Lead: Cut
AEC-Q200: No
Miscellaneous:
Upper Operating Temperature Of
125C Is Allowed For A Maximum
Operating Time Of 1,000 Hours.
Above 85C, DC And AC Voltage
Derating Is 1.25%/C.
Specifications
Capacitance: 4.7 uF
Capacitance Tolerance: 10%
Voltage DC: 250 VDC
Voltage AC: 160 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 1% 1kHz
Insulation Resistance: 10 GOhms
Max dVdt: 5 V
Inductance: 18 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R60IR4470AA40K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR44705040J KEMET-R60IR44705040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - R60IR4470AA40K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR44705040J KEMET-R60IR44705040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR51005040K KEMET-R60IR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60PR44705040K KEMET-R60PR44705040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
R60IR52205000K KEMET-R60IR52205000K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 22 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR4330AA40K KEMET-R60IR4330AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 3.3 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR4220AA30K KEMET-R60IR4220AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 2.2 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60ER5100AA40K KEMET-R60ER5100AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
R60GR5330AA00K KEMET-R60GR5330AA00K Datasheet
54Kb / 1P
   R60, Film, Metallized Polyester, Commercial Grade, 33 uF, 10%, 160 V, 85C, Lead Spacing = 27.5mm
R60ER54705040K KEMET-R60ER54705040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 47 uF, 10%, 100 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com