Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450MK5150JR20 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE450MK5150JR20
Description  PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.015 uF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE450MK5150JR20 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE450MK5150JR20 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 2440c16e-d24a-4b1f-959b-b3f512108a7e
KEMET Part Number: PHE450MK5150JR20
(F450KK153J630ALL0L)
PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.015 uF, 5%, 630 V, 85C, Lead Spacing = 7.5mm
Dimensions
L
10mm MAX
H
11mm MAX
T
5mm MAX
S
7.5mm +/-0.4mm
LL
20mm +5mm
F
0.6mm +/-0.05mm
G
0.5mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Supplier: KEMET
Series: PHE450/F450
Dielectric: Double Metallized Polypropylene
Style: Radial
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous:
The Rated Voltage Decreases
1.3%/C Between +85C And
+105C. Rthha= 160 C/W (85C),
0.2 m/s
Specifications
Capacitance: 0.015 uF
Capacitance Tolerance: 5%
Voltage DC: 630 VDC (85C), 466.2 VDC
(105C)
Voltage AC: 300 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.03% 1kHz, 0.04% 10kHz,
0.15% 100kHz
Insulation Resistance: 2000 GOhms
Max dVdt: 1,400 V
Inductance: 6 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE450MK5150JR20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450MK5150JR05 ETC2-PHE450MK5150JR05 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
More results

Similar Description - PHE450MK5150JR20

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450KA5220JR05 KEMET-PHE450KA5220JR05 Datasheet
50Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.022 uF, 5%, 400 V, 85C, Lead Spacing = 10mm
PHE450PF6470JF13R06L2 KEMET-PHE450PF6470JF13R06L2 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.47 uF, 5%, 1,000 V, 85C, Lead Spacing = 27.5mm
PHE450SD6100JR06L2 KEMET-PHE450SD6100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.1 uF, 5%, 2,000 V, 85C, Lead Spacing = 22.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com