Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5600201230 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5600201230
Description  DuraClik Wire-to-Board Header, Single Row, Vertical, 12 Circuits, Gold (Au) Over
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5600201230 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5600201230_17 Datasheet HTML 1Page - Molex Electronics Ltd. 5600201230_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5600201230
Status:
Active
Overview:
DuraClik™ Connector System
Description:
DuraClik™ Wire-to-Board Header, Single Row, Vertical, 12 Circuits, Gold (Au) Over
Nickel, Natural
Documents:
3D Model
Product Specification PS-502351-002-001 (PDF)
Drawing (PDF)
Packaging Specification PK-560020-002-JP-001
(PDF)
Product Specification 5051510002-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
560020
Application
Signal, Wire-to-Board
Comments
The Operating Temperature Range when used with
DuraClik series 502351 is -40°C to +105°C. It is -40°C
to 125°C when used with DuraClik ISL series 560123 or
TPA series 505151.
Overview
DuraClik™ Connector System
Product Name
DuraClik
UPC
887191751146
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Resin
Polyamide
Net Weight
1.350/g
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C, -40°C to +125°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-560020-002-JP-001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
560020 Series
Mates With
DuraClik™ Crimp Housings 502351 ,
560123 , 505151


Similar Part No. - 5600201230_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5600201220 MOLEX1-5600201220_17 Datasheet
49Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 12 Circuits, Tin (Sn) Plating
More results

Similar Description - 5600201230_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5600200630 MOLEX1-5600200630_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 6 Circuits, Gold (Au) Over
5600200330 MOLEX1-5600200330_17 Datasheet
37Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 3 Circuits, Gold (Au) Over
5600200230 MOLEX1-5600200230_17 Datasheet
37Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 2 Circuits, Gold (Au) Over
5600200430 MOLEX1-5600200430_17 Datasheet
37Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 4 Circuits, Gold (Au) Over
5600200830 MOLEX1-5600200830_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 8 Circuits, Gold (Au) Over
5600201130 MOLEX1-5600201130_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 11 Circuits, Gold (Au) Over Nickel, Natural
5600200730 MOLEX1-5600200730_17 Datasheet
37Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 7 Circuits, Gold (Au) Over Nickel, Natural
5600200930 MOLEX1-5600200930_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 9 Circuits, Gold (Au) Over Nickel, Natural
5600201530 MOLEX1-5600201530_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 15 Circuits, Gold (Au) Over Nickel, Natural
5600201430 MOLEX1-5600201430_17 Datasheet
38Kb / 2P
   DuraClik Wire-to-Board Header, Single Row, Vertical, 14 Circuits, Gold (Au) Over Nickel, Natural
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com