Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC740 Datasheet(PDF) 4 Page - Picker Components

Part No. PC740
Description  40 Amp Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PICKER [Picker Components]
Homepage  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC740 Datasheet(HTML) 4 Page - Picker Components

  PC740_17 Datasheet HTML 1Page - Picker Components PC740_17 Datasheet HTML 2Page - Picker Components PC740_17 Datasheet HTML 3Page - Picker Components PC740_17 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC740 Rev G 1/21/2016
4 of 4
PC740
PC740
CONTACT FORMS
PRINTED CIRCUIT BOARD LAYOUT
“2C”
“3C”
“2A”
Top View (inches/mm)
“3A”
REFERENCE CURVES
40


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn