Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC740 Datasheet(PDF) 2 Page - Picker Components

Part No. PC740
Description  40 Amp Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PICKER [Picker Components]
Homepage  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC740 Datasheet(HTML) 2 Page - Picker Components

  PC740_17 Datasheet HTML 1Page - Picker Components PC740_17 Datasheet HTML 2Page - Picker Components PC740_17 Datasheet HTML 3Page - Picker Components PC740_17 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC740 Rev G 1/21/2016
2 of 4
PC740
PC740
COIL DATA
Voltage Type
Coil Voltage*
Resistance
Ohms ± 10%
Must Operate Volt-
age Max. (VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Rated
Max
DC
2.5 W
12
13.2
57.6
9.6
1.2
24
26.4
230
19.2
2.4
48
52.8
921
38.4
4.8
110
242
4840
176.0
11.0
AC
5.5 VA
12
26.4
8.4
19.2
3.6
24
52.8
34
38.4
7.2
48
121
134
88.0
14.4
120
242
706
176.0
33.0
220
312
2,820
192.0
66.0
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
“C”
Plain Case
“C1”
Side Flange
“C3”
Top Flange
“C4”
Plain Case Base
with Inserts
CASE TYPE (inches/mm)
*Other Coil Voltages are available upon request.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn