Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC740 Datasheet(PDF) 1 Page - Picker Components

Part No. PC740
Description  40 Amp Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PICKER [Picker Components]
Homepage  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC740 Datasheet(HTML) 1 Page - Picker Components

  PC740_17 Datasheet HTML 1Page - Picker Components PC740_17 Datasheet HTML 2Page - Picker Components PC740_17 Datasheet HTML 3Page - Picker Components PC740_17 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC740 Rev G 1/21/2016
1 of 4
40 Amp Power Relay
PC740
FEATURES
 1/4 Inch Male Quick Connect Terminals
 Up To 40 Amp Switching Capacity
 Up to 2 Horsepower Rating
 Four Mounting Styles
 Compatible with SC740 Din Rail Socket
 AC Coils Up To 240 V or DC Coils Up To 110 V
 RoHS Compliant
E93379
Load Type
Voltage
2 Form C
All Contacts
3 Form C
All Contacts
General Porpose
120 VAC
250 VAC
28 VDC
40 A
40 A*
40 A
40 A
40 A*
40 A
Resistive
120 VAC
250 VAC
28 VDC
40 A*
30 A*
40 A
40 A*
30 A*
40 A
Motor
250 VAC
120 VAC
2 HP*
1 1/2 HP*
1/2 HP
1/2 HP
LRA/FLA
250 VAC
120 VAC
72 A / 12 A*
120 A / 29 A*
72 A / 12 A*
120 A / 29 A*
CONTACT DATA
Material
AgCdO (Silver Cadmium Oxide)
Initial Contact Resistance
100 mΩ max. @ 6 V, 1A
Max. Switching Voltage
28 VDC, 250 VAC
Max. Switching Power
1120 W, 10 KVA
Max. Breaking Capacity
10,000 VA
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
CHARACTERISTICS
Operate Time
25 ms Max
Release Time
15 ms Max
Insulation Resistance
500 MΩ min. at 500 VDC
Shock Resistance
10 g, 11ms, Functional
100 g, Destructive
Power Consumption
DC Coil 2.5 W, AC Coil 5.5 VA
2,500 Vrms, 1 min. Between Coil and Contacts
Dielectric Strength
1,500 Vrms, 1 min. Between Open Contacts
Vibration Resistance
10 Hz - 55 Hz DA 2.0 mm
Solderability
235°C ± 2°C 3 s ± 0.5 s
Operating Temperature -25 to 55 ºC
Relative Humidity
75% (at 30°C)
Weight
115-130 grams
ORDERING INFORMATION
Example:
PC740
-2C
- C - 120A
-P
Model: PC740
Contact Form: 2A, 2C, 3A, 3C
Case Type: C: Plain Case; C1: Side Flange; C3: Top Flange;
C4: Plain Case Base with Inserts
Coil Voltage: XXXA: AC Coil; XXXD: DC Coil
Nil: QC: P: PC Pins
Nil: Rohs Compliant
Box Quantity: 100; Inner Box: 10
* Per UL
Compatible with SC740 Din Rail Socket


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn