Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0521170243 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0521170243
Description  Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0521170243 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0521170243_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0521170243_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0521170243
Status:
Active
Overview:
Mizu-P25™ Miniature Waterproof Connectors
Description:
Mizu-P25 5.00mm Pitch Waterproof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2
Circuits
Documents:
3D Model
Application Specification AS-52117-001-JP-001 (PDF)
Drawing (PDF)
Packaging Specification 521170000-P00 (PDF)
Product Specification PS-52117-007-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-52117-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
52117
Application
Signal, Wire-to-Wire
Application Tooling Part Link
62202-4400
Overview
Mizu-P25™ Miniature Waterproof Connectors
Product Name
Mizu-P25 Waterproof, Splash Proof
UPC
883906527495
Physical
Circuits (maximum)
2
Color - Resin
White
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.842/g
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
5.00mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-52117-001-001, AS-52117-001-JP-001
Packaging Specification
521170000-P00
Product Specification
PS-52117-007-001
Sales Drawing
SD-52117-001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
52117 Series
Mates With
52116 Mizu-P25 2.50mm Pitch Waterproof
Wire-to-Wire Plug Housing
Use With
50039 Mizu-P25 Crimp Terminal
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Sealing Cap Hand
Tool
0622024400


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn