Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC307 Datasheet(PDF) 2 Page - Picker Components

Part No. PC307
Description  Ultraminiature 1 Amp PCB Signal Relay
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PICKER [Picker Components]
Homepage  http://www.pickercomponents.com
Logo 

PC307 Datasheet(HTML) 2 Page - Picker Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC307 Rev J 2/08/2017
2 of 2
PC307
PC307
COIL DATA
Coil Voltage
(VDC)
Coil Resistance
(Ohms ± 10%)
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Consumption
W
Rated
Max
1.5
3.0
15.0
1.2
0.15
0.15
3
6.0
60.0
2.4
0.30
5
10.0
166.7
4.0
0.50
6
12.0
240.0
4.8
0.60
9
18.0
540.0
7.2
0.90
12
24.0
960.0
9.6
1.20
24
48.0
3840.0
19.2
2.40
1.5
2.25
11.3
1.2
0.15
0.20
3
4.5
45.0
2.4
0.30
5
7.5
125.0
4.0
0.50
6
9.0
180.0
4.8
0.60
9
13.5
405.0
7.2
0.90
12
18.0
720.0
9.6
1.20
24
36.0
2880.0
19.2
2.40
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
Front View
DIMENSIONS inches/(mm)
PCB Mounting
(Top View)
Terminal
(Bottom View)
Wiring Diagrams
(Bottom View)
Side View
Relay


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn