Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC307 Datasheet(PDF) 1 Page - Picker Components

Part No. PC307
Description  Ultraminiature 1 Amp PCB Signal Relay
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PICKER [Picker Components]
Homepage  http://www.pickercomponents.com
Logo 

PC307 Datasheet(HTML) 1 Page - Picker Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC307 Rev J 2/08/2017
1 of 2
Ultraminiature 1 Amp PCB Signal Relay
PC307
CONTACT DATA
Material
Ag + Au (Clad)
Initial Contact Resistance
100 mΩ max @ 0.1 A, 6 VDC
Service Life
Mechanical
5 X 106 Operations
Electrical
1 X 105 Operations
FEATURES
• Ultraminiature Design Very Light Weight
• Contact Capacity From 1 mA to 1 A
• Meets FCC Part 68 Voltage Surge
• Class “B” Insulation Standard
• High Sensitivity, 150 mW Nominal Power
• Sealed, Immersion Cleanable
• RoHS Compliant
E86876
Contact
1 Form C
(SPDT)
Rated Load (Resistive)
.5 A 125 VAC, 1 A 30 VDC
Max. Switching Current
1 A
Max. Switching Voltage
125 VAC, 60VDC
Max. Continuous Current
2 A
Max. Switching Power
62.5 VA 30W
Minimum Load
1 mA 5VDC
ORDERING INFORMATION
CHARACTERISTICS
Operate Time
5 ms Max.
Release Time
5 ms Max.
Insulation Resistance
100 MΩ min, at 500 VDC, 50% RH
Dielectric Strength
50 Hz 500 V between Coil and Contacts
50 Hz 500 V between Contacts
Shock Resistance
100 m/s2 11ms
Vibration Resistance
10 Hz - 55 Hz, DA 3.3 mm
Power Consumption
0.15 W, 0.20 W
CHARACTERISTICS CONTINUED
Terminal Strength
5N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Operating Temperature
- 30 to 70
°C
Storage Temperature
- 40°C to 155°C
Relative Humidity
35% - 85% at 40°C
Weight
2.2 grams
Example:
PC307
-12
G
-X
Model: PC307
Coil Voltage: 1.5, 3, 5, 9, 12, 24
Contact Material*: G: Ag + Au (Clad)
Coil Power: Nil: 0.15 W; H: 0.20 W
RoHS Compliant: -X
Box Quantity 2000: Inner Box 1000


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn