Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC9L-60 Datasheet(PDF) 3 Page - Picker Components

Part # PC9L-60
Description  60 Amp Latching PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC9L-60 Datasheet(HTML) 3 Page - Picker Components

  PC9L-60 Datasheet HTML 1Page - Picker Components PC9L-60 Datasheet HTML 2Page - Picker Components PC9L-60 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC9L–60 7/06/2016
3 of 3
PC9L-60
PC9L-60
1A Single Coil
1A Double Coil
1B Single Coil
1B Double Coil
Wire Diagrams


Similar Part No. - PC9L-60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900 SHARP-PC900 Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900 SHARP-PC900 Datasheet
752Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
61Kb / 4P
   Digital Output Type OPIC Photocoupler
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
   Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results

Similar Description - PC9L-60

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
   60 Amp Latching PCB Relay
logo
American Zettler, Inc.
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
   200 Amp Latching PCB Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
PC10L-80 PICKER-PC10L-80 Datasheet
457Kb / 2P
   80 Amp PCB Latching Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com