Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSMN002-25P Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. PSMN002-25P
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN002-25P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN002-25P Datasheet HTML 2Page - NXP Semiconductors PSMN002-25P Datasheet HTML 3Page - NXP Semiconductors PSMN002-25P Datasheet HTML 4Page - NXP Semiconductors PSMN002-25P Datasheet HTML 5Page - NXP Semiconductors PSMN002-25P Datasheet HTML 6Page - NXP Semiconductors PSMN002-25P Datasheet HTML 7Page - NXP Semiconductors PSMN002-25P Datasheet HTML 8Page - NXP Semiconductors PSMN002-25P Datasheet HTML 9Page - NXP Semiconductors PSMN002-25P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
PSMN002-25 series
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 22 October 2001
6 of 13
9397 750 08315
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS >ID x RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03af39
0
50
100
150
200
250
300
350
400
450
0
0.5
1
1.5
2
2.5
VDS (V)
ID
(A)
2.4 V
2.6 V
Tj = 25 ºC
15 V
VGS = 2.2 V
2.8 V
5 V
10 V
3 V
3.4 V
3.6 V
4 V
3.2 V
03af41
0
10
20
30
40
50
60
70
80
90
100
01
23
VGS (V)
ID
(A)
VDS > ID x RDSon
175 ºC
Tj = 25 ºC
03af40
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0
100
200
300
400
500
ID (A)
RDSon
(
Ω)
Tj = 25 ºC
3.4 V
3.6 V
4 V
5 V
10 V
VGS = 15 V
2.4 V 2.6 V 2.8 V 3 V
3.2 V
03af18
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (ºC)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn