Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241-1C-F3 Datasheet(PDF) 4 Page - NEC

Part # PS7241-1C-F3
Description  8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241-1C-F3 Datasheet(HTML) 4 Page - NEC

  PS7241-1C-F3 Datasheet HTML 1Page - NEC PS7241-1C-F3 Datasheet HTML 2Page - NEC PS7241-1C-F3 Datasheet HTML 3Page - NEC PS7241-1C-F3 Datasheet HTML 4Page - NEC PS7241-1C-F3 Datasheet HTML 5Page - NEC PS7241-1C-F3 Datasheet HTML 6Page - NEC PS7241-1C-F3 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
On-State Resistance, Ron (Ω)
ON-STATE RESISTANCE (N.O.)
DISTRIBUTION
On-State Resistance, Ron (Ω)
ON-STATE RESISTANCE (N.C.)
DISTRIBUTION
20
25
3.0
15
10
5
0
19
20
22
23
21
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
20
25
3.0
15
10
5
0
20
19
22
23
21
n = 50 pcs,
IF = 0 mA,
IL = 10 mA
TURN-ON TIME (N.O) DISTRIBUTION
PS7241-1C
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
025
75
100
50
Normalized to 1.0
at TA = 25°C,
IF = 10 mA,
VO = 5 V
N.O.
N.C.
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
025
75
100
50
Normalized to 1.0
at TA = 25°C,
IF = 10 mA,
VO = 5V
N.O.
N.C.
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
025
75
100
50
Normalized to 1.0 at TA = 25°C,
IF = 10 mA, IL = 10 mA (N.O.),
IF = 0 mA, IL = 10 mA (N.C.)
N.O.
N.C.
Turn-On Time, tON (ms)
20
25
3.0
15
10
5
0
0.2
0.3
n = 50 pcs,
IF = 10 mA,
VO = 5 V


Similar Part No. - PS7241-1C-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-1C-F3 NEC-PS7241-1C-F3 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1C-F3 CEL-PS7241-1C-F3 Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
logo
NEC
PS7241-1C-F3-A NEC-PS7241-1C-F3-A Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1C-F3-A CEL-PS7241-1C-F3-A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
More results

Similar Description - PS7241-1C-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1C CEL-PS7142-1C Datasheet
54Kb / 7P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE, TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
PS7211-2A CEL-PS7211-2A Datasheet
50Kb / 6P
   8 PIN SOP 100 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS72121A CEL-PS72121A Datasheet
79Kb / 7P
   4 PIN SOP, 100 V BREAKDOWN VOLTAGE 1-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7141-2B NEC-PS7141-2B Datasheet
56Kb / 7P
   6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com